Electronic Components Datasheet Search
  English  ▼

X  

300 Datasheet(PDF) 10 Page - Cornell Dubilier Electronics

Part # 300
Description  High Capacitance and Ultra-Low ESR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

300 Datasheet(HTML) 10 Page - Cornell Dubilier Electronics

Back Button 300 Datasheet HTML 4Page - Cornell Dubilier Electronics 300 Datasheet HTML 5Page - Cornell Dubilier Electronics 300 Datasheet HTML 6Page - Cornell Dubilier Electronics 300 Datasheet HTML 7Page - Cornell Dubilier Electronics 300 Datasheet HTML 8Page - Cornell Dubilier Electronics 300 Datasheet HTML 9Page - Cornell Dubilier Electronics 300 Datasheet HTML 10Page - Cornell Dubilier Electronics 300 Datasheet HTML 11Page - Cornell Dubilier Electronics 300 Datasheet HTML 12Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
High Capacitance and Ultra-Low ESR
Cap.
Catalog
(µF)
Part Number
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
120 Hz 20 kHz
120 Hz 20 kHz
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
160 Vdc (200 Vdc Surge)
470 301471T160HS2
470 301471T160JP2
560 301561T160HT2
226.0
85.7
2.48
3.80
228.0
91.4
2.43
3.62
189.0
71.8
2.90
4.44
.895 x 3.15
1.02 x 2.65
.895 x 3.65
560 301561T160JS2
680 301681T160JT2
184.0
73.5
2.94
4.39
154.0
61.6
3.45
5.15
1.02 x 3.15
1.02 x 3.65
200 Vdc (250 Vdc Surge)
10
301100U200EG2
15
301150U200EK2
18
301180U200EM2
19900.0 1780.0
0.12
0.39
15200.0 1270.0
0.14
0.49
10600.0
960.0
0.19
0.63
.51 x .85
.51 x 1.04
.51 x 1.10
22
301220U200EN2
27
301270U200FK2
33
301330U200ER2
7010.0
580.0
0.22
0.75
6500.0
650.0
0.22
0.68
5990.0
550.0
0.26
0.87
.51 x 1.38
.65 x 1.04
.51 x 1.73
39
301390U200FF2
47
301470U200FQ2
56
301560U200FV2
3910.0
340.0
0.34
1.15
3730.0
330.0
0.45
1.50
3250.0
290.0
0.47
1.58
.65 x 1.32
.65 x 1.48
.65 x 1.65
56
301560T200GE2
68
301680U200LQ2
82
301820U200LV2
2285.0
1051.0
0.43
0.59
2840.0
260.0
0.53
1.74
2310.0
180.0
0.53
1.89
.77 x 1.15
.73 x 1.48
.73 x 1.63
82
301820T200HE2
100 301101T200GJ2
120 301121T200JE2
1423.0
655.0
0.59
0.83
1144.0
526.0
0.67
0.93
1012.0
465.0
0.74
1.02
.895 x 1.15
.77 x 1.65
1.02 x 1.15
150 301151T200GL2
180 301181T200HJ2
220 301221T200GP2
763.0
351.0
1.02
1.42
713.0
328.0
0.99
1.38
574.0
264.0
1.31
1.82
.77 x 2.15
.895 x 1.65
.77 x 2.65
220 301221T200JJ2
270 301271T200GS2
270 301271T200HL2
507.0
233.0
1.28
1.78
460.0
212.0
1.60
2.22
476.0
219.0
1.41
1.96
1.02 x 1.65
.77 x 3.15
.895 x 2.15
330 301331T200GT2
330 301331T200HP2
390 301391T200HS2
384.0
177.0
1.87
2.59
358.0
165.0
1.81
2.51
288.0
132.0
2.20
3.06
.77 x 3.65
.895 x 2.65
.895 x 3.15
390 301391T200JL2
470 301471T200HT2
339.0
156.0
1.79
2.49
240.0
111.0
2.57
3.57
1.02 x 2.15
.895 x 3.65
Cap.
Catalog
(µF)
Part Number
ESR MAX
Ripple MAX
@ 25°C
@ 85ºC
120 Hz 20 kHz
120 Hz 20 kHz
(mΏ)
(A)
Nom Size
Insulated
D x L
(in)
470 301471T200JP2
560 301561T200JS2
680 301681T200JT2
255.0
117.0
2.30
3.19
205.0
94.4
2.78
3.87
172.0
79.1
3.27
4.54
1.02 x 2.65
1.02 x 3.15
1.02 x 3.65
250 Vdc (300 Vdc Surge)
8.2
3018R2U250EG2
12
301120U250EK2
15
301150U250EM2
29900.0 3050.0 0.07
0.23
23300.0 2500.0 0.09
0.27
15000.0 1900.0 0.14
0.38
.51 x .85
.51 x 1.04
.51 x 1.10
18
301180U250EN2
27
301270U250FK2
27
301270U250ER2
12100.0 1500.0 0.17
0.47
10800.0 1610.0 0.20
0.53
7820.0
1390.0 0.28
0.67
.51 x 1.38
.65 x 1.04
.51 x 1.73
33
301330U250FF2
39
301390U250FQ2
39
301390T250GE2
5500.0
720.0
0.29
0.80
5260.0
700.0
0.32
0.89
2708.0
1137.0 0.39
0.57
.65 x 1.32
.65 x 1.48
.77 x 1.15
47
301470U250FV2
56
301560U250LQ2
68
301680U250LV2
4680.0
670.0
0.38
1.00
3750.0
550.0
0.42
1.10
3110.0
360.0
0.44
1.29
.65 x 1.65
.73 x 1.48
.73 x 1.63
68
301680T250HE2
82
301820T250GJ2
100 301101T250JE2
1684.0
707.0
0.55
0.79
1355.0
569.0
0.61
0.89
1194.0
502.0
0.68
0.99
.895 x 1.15
.77 x 1.65
1.02 x 1.15
120 301121T250GL2
120 301121T250HJ2
150 301151T250GP2
905.0
380.0
0.94
1.37
843.0
354.0
0.91
1.33
679.0
285.0
1.21
1.75
.77 x 2.15
.895 x 1.65
.77 x 2.65
180 301181T250JJ2
220 301221T250GS2
220 301221T250HL2
598.0
251.0
1.18
1.71
544.0
229.0
1.47
2.14
563.0
237.0
1.30
1.88
1.02 x 1.65
.77 x 3.15
.895 x 2.15
270 301271T250GT2
270 301271T250HP2
270 301271T250JL2
455.0
191.0
1.72
2.50
423.0
178.0
1.66
2.42
400.0
168.0
1.65
2.40
.77 x 3.65
.895 x 2.65
1.02 x 2.15
330 301331T250HS2
390 301391T250HT2
390 301391T250JP2
340.0
143.0
2.02
2.94
284.0
119.0
2.37
3.44
301.0
126.0
2.12
3.08
.895 x 3.15
.895 x 3.65
1.02 x 2.65
470 301471T250JS2
560 301561T250JT2
242.0
102.0
2.56
3.73
202.0
85.0
3.01
4.38
1.02 x 3.15
1.02 x 3.65
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com