Electronic Components Datasheet Search
  English  ▼

X  

381LR Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 381LR
Description  Ultra-High Ripple Capabilities
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

381LR Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  381LR Datasheet HTML 1Page - Cornell Dubilier Electronics 381LR Datasheet HTML 2Page - Cornell Dubilier Electronics 381LR Datasheet HTML 3Page - Cornell Dubilier Electronics 381LR Datasheet HTML 4Page - Cornell Dubilier Electronics 381LR Datasheet HTML 5Page - Cornell Dubilier Electronics 381LR Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Type 381LR 105 °C Highest Ripple, Snap-In Aluminum
Ultra-High Ripple Capabilities
Part Numbering System
381LR
271
M
200
H01
2
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Sleeve
381LR
271 = 270 µF
M = ±20%
160 = 160 Vdc
2 = PVC
222 = 2200 µF
450 = 450 Vdc
Outline Drawing
+0.2
0.8 -0.1
2.0max.
Top of
Capacitor
Top of
Capacitor
Body
L ± 2 max.
Dimensions shown are in mm
Body
1.5 0.2
6.3 mm pin length
0.8 +0.2
-0.1
2.0max.
3.5
1.5 0.2
4.0 mm pin length
option (add “A” to end
of part#)
Insulated Case Dimensions
Case
Code
DIAMETER
D
LENGTH
L
Typical
Weight
Case
Code
DIAMETER
D
LENGTH
L
Typical
Weight
mm
inches
mm
inches
(grams)
mm
inches
mm
inches
(grams)
H01
22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02
22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03
22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04
22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45
22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05
22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74
A55
35
1.38
55
2.17
80
CDM Cornell Dubilier  140 Technology Place  Liberty, SC 29657  Phone: (864)843-2277  Fax: (864)843-3800



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com