Electronic Components Datasheet Search
  English  ▼

X  

VLF-52 Datasheet(PDF) 2 Page - Mini-Circuits

Part # VLF-52
Description  Low Pass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLF-52 Datasheet(HTML) 2 Page - Mini-Circuits

  VLF-52 Datasheet HTML 1Page - Mini-Circuits VLF-52 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
50Ω
*DC to 52 MHz
Low Pass Filter
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
8.5W max. at 25°C
REV. A
M151107
VLF-52+
ED-13423A/2
RVN/AD/CP/AM
151012
Features
• rugged uni-body construction, small size
• 7 sections
• excellent power handling, 8.5W
• temperature stable
• low cost
• protected by U.S. Patent 6,943,646
Applications
• harmonic rejection
• transmitters/receivers
• lab use
Coaxial
B
D
E
wt
.410
1.43
.312 grams
10.41 36.32
7.92
10.0
Outline Dimensions (
)
inch
mm
Outline Drawing
.312 Across Flats
in some models
* Passband rating, derate linearly to 3.5W at 100
°C ambient.
Permanent damage may occur if any of these limits are exceeded.
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Insertion Loss
DC-F1
*DC-52
—
1.0
1.2
dB
Freq. Cut-Off
F2
93
—
3.0
—
dB
VSWR
DC-F1
*DC-52
—
1.4
1.5
:1
Stop Band
Rejection Loss
F3
140
20
28
—
dB
F4-F5
170-1100
—
33
—
dB
F6
1200
—
23
—
dB
VSWR
F3-F6
140-1200
—
18
—
:1
0.30
0.33
1.07
23.00
0.54
1.23
31.00
0.67
1.29
45.00
0.91
1.35
49.00
0.97
1.35
50.00
0.98
1.35
58.00
1.10
1.33
90.00
2.59
2.01
130.00
23.25
15.81
150.00
32.73
18.50
170.00
39.67
20.22
350.00
53.02
41.37
600.00
54.54
78.97
1100.00
39.99
75.53
1200.00
24.93
30.49
Typical Performance Data at 25°C
VLF-52+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
VLF-52+
VSWR
1
10
100
1000
0
200
400
600
800
1000
1200
FREQUENCY (MHz)
Electrical Schematic
Typical Frequency Response
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
R F IN
R F OUT
20
3
40
1
F2 F3
F1
DC
F4
F5
F6
FREQUENCY
Electrical Specifications at 25°C
* Not for use with DC voltage at input and output ports
VLF-52+
CASE STYLE: FF704
Connectors
Model
SMA
VLF-52+
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com