Electronic Components Datasheet Search
  English  ▼

X  

VLF-160 Datasheet(PDF) 1 Page - Mini-Circuits

Part # VLF-160
Description  Low Pass Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

VLF-160 Datasheet(HTML) 1 Page - Mini-Circuits

  VLF-160 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
REV. C
M151121
EDR-7071/3
VLF-160+
RAV
170201
Page 1 of 1
50Ω
*DC to 160 MHz
Maximum Ratings
Operating Temperature
-55oC to 100oC
Storage Temperature
-55oC to 100oC
RF Power Input*
8W at 25oC
DC Current Input to Output 0.5A max. at 25oC
Coaxial
Low Pass Filter
Applications
• Harmonic rejection
• Transmitters/receivers
• Lab use
Outline Drawing
Features
• Rugged uni-body construction, small size
• 7 sections
• Excellent power handling, 8W
• Temperature stable
• Low cost
• Protected by US patent 6,943,646
VLF-160+
Outline Dimensions (
)
inch
mm
*Passband rating, derate linearly to 3 W at 100
oC ambient
FREQUENCY (MHz)
fco F 20
FR 20dB
1dB
3 dB
20dB
35dB
B
D
E
wt.
.410
1.43
.312
grams
10.41
36.32
7.92
10
RF IN
RF OUT
CASE STYLE: FF704
Connectors
Model
SMA
VLF-160+
Low Pass Filter Electrical Specifications (T
AMB= 25
O
C)
Typical Performance Data at 25oC
Frequency
Insertion Loss
VSWR
(MHz)
(dB)
(:1)
40
0.32
1.07
100
0.52
1.08
150
0.78
1.11
160
0.85
1.13
210
1.64
1.44
230
2.55
1.77
260
6.08
2.81
280
10.97
3.87
310
22.74
5.27
330
33.27
5.81
350
42.12
6.19
480
40.13
11.85
1000
64.46
69.49
2700
34.45
75.53
6100
20.50
36.97
9000
23.14
15.13
12000
16.88
4.24
VLF-160+
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
3000
6000
9000
12000
FREQUENCY (MHz)
VLF-160+
VSWR
1
10
100
0
3000
6000
9000
12000
FREQUENCY (MHz)
PASSBAND
(MHz)
fco, MHz
Nom.
STOP BAND (MHz)
(loss, dB)
VSWR (:1)
NO. OF
SECTIONS
(loss < 1 dB)
Max.
(loss 3 dB)
Typ.
F 20
Min.
35
Typ.
FR 20
Typ.
Stopband
Typ.
Passband
Typ.
*DC - 160
230
330
480 - 2700
6100
17
1.2
7
Typical frequency response
Electrical schematic
Permanent damage may occur if any of these limits are exceeded.
.312 Across Flats
in some models
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
* Not for use with DC voitage at input and output ports


Similar Part No. - VLF-160

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VLF-1000 MINI-VLF-1000 Datasheet
89Kb / 1P
Low Pass Filter DC to 1000 MHz
VLF-105 MINI-VLF-105 Datasheet
89Kb / 1P
Coaxial Low Pass Filter DC to 105 MHz
VLF-120 MINI-VLF-120 Datasheet
88Kb / 1P
Coaxial Low Pass Filter DC to 120 MHz
VLF-1200 MINI-VLF-1200 Datasheet
89Kb / 1P
Coaxial Low Pass Filter DC to 1200 MHz
VLF-1400 MINI-VLF-1400 Datasheet
89Kb / 1P
Low Pass Filter DC to 1400 MHz
More results

Similar Description - VLF-160

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
Low Pass Filter
LFCV-45+ MINI-LFCV-45+ Datasheet
170Kb / 1P
Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
LOW PASS filter
logo
Mini-Circuits
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
Low Pass Filter
BLP-21.4-75 MINI-BLP-21.4-75 Datasheet
195Kb / 1P
Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com