Electronic Components Datasheet Search
  English  ▼

X  

LT3024 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3024
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3024 Datasheet(HTML) 1 Page - Linear Technology

  LT3024 Datasheet HTML 1Page - Linear Technology LT3024 Datasheet HTML 2Page - Linear Technology LT3024 Datasheet HTML 3Page - Linear Technology LT3024 Datasheet HTML 4Page - Linear Technology LT3024 Datasheet HTML 5Page - Linear Technology LT3024 Datasheet HTML 6Page - Linear Technology LT3024 Datasheet HTML 7Page - Linear Technology LT3024 Datasheet HTML 8Page - Linear Technology LT3024 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3024
3024f
Dual 100mA/500mA
Low Dropout, Low Noise,
Micropower Regulator
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Low Quiescent Current: 30
µA/Output
s
Wide Input Voltage Range: 1.8V to 20V
s
Output Current: 100mA/500mA
s
Very Low Shutdown Current: <0.1
µA
s
Low Dropout Voltage: 300mV at 100mA/500mA
s
Adjustable Outputs from 1.22V to 20V
s
Stable with 1
µF/3.3µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse-Battery Protected
s
No Reverse Current
s
No Protection Diodes Needed
s
Overcurrent and Overtemperature Protected
s
Thermally Enhanced 16-Lead TSSOP and 12-Lead
(4mm
× 3mm) DFN Packages
The LT
®3024 is a dual, micropower, low noise, low drop-
out regulator. With an external 0.01
µF bypass capacitor,
output noise drops to 20
µVRMS over a 10Hz to 100kHz
bandwidth. Designed for use in battery-powered systems,
the low 30
µA quiescent current per output makes it an
ideal choice. In shutdown, quiescent current drops to less
than 0.1
µA. Shutdown control is independent for each
output, allowing for flexibility in power management. The
device is capable of operating over an input voltage range
of 1.8V to 20V. The device can supply 100mA of output
current from Output 2 with a dropout voltage of 300mV.
Output 1 can supply 500mA of output current with a
dropout voltage of 300mV. Quiescent current is well
controlled in dropout.
The LT3024 regulator is stable with output capacitors as
low as 1
µF for the 100mA output and 3.3µF for the 500mA
output. Small ceramic capacitors can be used without the
series resistance required by other regulators.
Internal protection circuitry includes reverse-battery pro-
tection, current limiting, thermal limiting and reverse
current protection. The device is available as an adjustable
device with a 1.22V reference voltage. The LT3024 regu-
lator is available in the thermally enhanced 16-lead TSSOP
and 12-lead, low profile (4mm
× 3mm × 0.75mm) DFN
packages.
10Hz to 100kHz Output Noise
3.3V/2.5V Low Noise Regulators
s
Cellular Phones
s
Pagers
s
Battery-Powered Systems
s
Frequency Synthesizers
s
Wireless Modems
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
100
µV/DIV
20
µVRMS
3024 TA01b
VIN
3.7V TO
20V
3.3V AT 500mA
20
µVRMS NOISE
249k
0.01
µF
10
µF
1
µF
422k
3024 TA01a
OUT2
2.5V AT 100mA
20
µVRMS NOISE
ADJ2
BYP2
GND
249k
0.01
µF
10
µF
261k
IN
SHDN1
SHDN2
OUT1
ADJ1
BYP1
LT3024
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT3024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT3024 LINER-LT3024 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3024 LINER-LT3024 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3024 LINER-LT3024 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3024 LINER-LT3024 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT3024

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3028 LINER-LT3028 Datasheet
335Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3028 LINER-LT3028_15 Datasheet
345Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com