Electronic Components Datasheet Search
  English  ▼

X  

7900178 Datasheet(PDF) 3 Page - SICK AG

Part # 7900178
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7900178 Datasheet(HTML) 3 Page - SICK AG

  7900178 Datasheet HTML 1Page - SICK AG 7900178 Datasheet HTML 2Page - SICK AG 7900178 Datasheet HTML 3Page - SICK AG 7900178 Datasheet HTML 4Page - SICK AG 7900178 Datasheet HTML 5Page - SICK AG 7900178 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IH06-02BNS-VW1 | IMM
INDUCTIVE PROXIMITY SENSORS
Reproducibility
≤ 5 % 4) 5)
Temperature drift (of Sr)
± 10 %
EMC
EN 60947-5-2
IEC 61000-4-2: (Testlevel 2)
IEC 61000-4-4: (Testlevel 3)
Continuous current Ia
≤ 200 mA
Cable material
PVC
Conductor size
0.14 mm²
Cable diameter
Ø 3.1 mm
Short-circuit protection
✔
Reverse polarity protection
✔
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +70 °C
Housing material
Stainless steel, Stainless steel (V2A, 304)
Sensing face material
Plastic, Plastic
Housing length
45 mm
UL File No.
NMFT2.E175606
1) Of VS.
2) With Ia = 200 mA.
3) Without load.
4) Ub = 20 V DC ... 30 V DC, Ta = 23 °C ± 5 °C.
5) Of Sr.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.6
Aluminum (Al)
Approx. 0.17
Copper (Cu)
Approx. 0.1
Brass (Br)
Approx. 0.25
Installation note
Remark
Associated graphic see "Installation"
A
3.25 mm
B
6.5 mm
C
6.5 mm
D
6 mm
E
4 mm
F
16 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
ECl@ss 6.2
27270101
2018-06-11 10:11:13 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com