Electronic Components Datasheet Search
  English  ▼

X  

330682U050JS2 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 330682U050JS2
Description  High Ripple and Ultra-Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

330682U050JS2 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  330682U050JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 330682U050JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 330682U050JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 330682U050JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics 330682U050JS2 Datasheet HTML 5Page - Cornell Dubilier Electronics 330682U050JS2 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type330–55°Cto105°CUltra-Long-Life,SwitchingPowerGradeRadial
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864) 843-2277 • Fax: (864) 843-3800 • www.cde.com
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
Cap.
Catalog
120 Hz
20 kHz 120 Hz
20 kHz
(µF)
Part Number
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
16 Vdc (25 Vdc Surge) (cont'd.)
15000 330R153U016JP2
16.1
8.5
9.14
11.80
18000 330183U016JS2
20.5
12.7
8.80
10.50
18000 330R183U016JS2
16.6
8.8
9.79
12.70
22000 330223U016JT2
17.9
11.1
10.10
12.10
22000 330R223U016JT2
11.4
6.0
12.70
16.50
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
1.02 X 3.65
20 Vdc (30 Vdc Surge)
8200 330822U020GT2
29.2
14.9
6.77
8.94
8200 330R822U020GT2
25.3
12.9
7.27
9.60
8200 330822U020HP2
29.5
16.5
6.30
7.93
8200 330R822U020HP2
21.6
12.1
7.36
9.28
8200 330822U020JL2
31.8
20.1
5.86
6.96
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
8200 330R822U020JL2
21.0
11.1
7.21
9.33
10000 330103U020HS2
24.4
13.7
7.55
9.52
10000 330R103U020HS2
17.6
9.8
8.89
11.20
12000 330123U020HT2
21.1
11.8
8.69
10.90
12000 330R123U020HT2
15.0
8.4
10.30
13.00
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
12000 330123U020JP2
24.7
15.6
7.39
8.77
12000 330R123U020JP2
16.1
8.5
9.14
11.80
15000 330153U020JS2
20.5
12.9
8.80
10.50
15000 330R153U020JS2
13.2
7.0
11.00
14.20
18000 330183U020JT2
17.9
11.2
10.10
12.00
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
18000 330R183U020JT2
11.4
6.0
12.70
16.50
1.02 X 3.65
25 Vdc (35 Vdc Surge)
6800 330682U025GT2
31.2
15.0
6.55
8.91
6800 330R682U025GT2
27.0
13.0
7.04
9.58
6800 330682U025HP2
31.3
16.6
6.11
7.91
6800 330R682U025HP2
23.1
10.9
7.11
9.77
6800 330682U025JL2
33.5
20.1
5.71
6.94
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
6800 330R682U025JL2
22.5
11.3
6.96
9.29
8200 330822U025HS2
25.8
13.7
7.34
9.50
8200 330R822U025HS2
18.9
8.9
8.59
11.80
10000 330103U025HT2
22.3
11.8
8.45
10.90
10000 330R103U025HT2
16.0
7.5
9.96
13.70
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
10000 330103U025JP2
26.0
15.6
7.20
8.77
10000 330R103U025JP2
17.2
8.6
8.84
11.80
12000 330123U025JS2
21.6
12.9
8.59
10.50
12000 330R123U025JS2
14.1
7.1
10.60
14.10
15000 330153U025JT2
18.7
11.2
9.90
12.10
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
15000 330R153U025JT2
12.1
6.0
12.30
16.40
1.02 X 3.65
40 Vdc (60 Vdc Surge)
4700 330472U040GT2
36.4
16.4
6.06
8.52
4700 330R472U040GT2
31.6
14.2
6.51
9.15
4700 330472U040HP2
36.2
17.4
5.68
7.73
4700 330R472U040HP2
27.4
12.0
6.54
9.29
4700 330472U040JL2
38.1
20.9
5.35
6.81
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
4700 330R472U040JL2
26.5
12.2
6.42
8.93
1.02 X 2.15
ESR Max.
Ripple Amps,
25 ºC
Max. 85 ºC
Cap.
Catalog
120 Hz
20 kHz 120 Hz
20 kHz
(µF)
Part Number
(mΩ)
(mΩ)
(A)
(A)
Nominal
Size
D X L
(in)
40 Vdc (60 Vdc Surge) (cont'd.)
5600 330562U040HS2
29.7
14.3
6.84
9.31
5600 330R562U040HS2
22.2
9.8
7.91
11.20
6800 330682U040HT2
25.5
12.3
7.89
10.70
6800 330R682U040HT2
18.9
8.3
9.18
13.10
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
6800 330682U040JP2
29.4
16.2
6.77
8.61
6800 330R682U040JP2
20.2
9.3
8.17
11.40
8200 330822U040JS2
24.3
13.4
8.09
10.30
8200 330R822U040JS2
16.5
7.6
9.82
13.60
10000 330103U040JT2
21.0
11.5
9.35
11.90
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
10000 330R103U040JT2
14.1
6.5
11.40
15.90
1.02 X 3.65
50 Vdc (75 Vdc Surge)
3300 330332U050GT2
44.3
16.4
5.49
8.52
3300 330R332U050GT2
38.4
14.2
5.90
9.15
3300 330332U050HP2
43.5
17.8
5.18
7.63
3300 330R332U050HP2
33.7
12.1
5.89
9.26
3900 330392U050JL2
44.9
21.6
4.93
6.71
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
3900 330R392U050JL2
32.4
12.6
5.81
8.77
4700 330472U050HS2
35.6
14.6
6.25
9.21
4700 330R472U050HS2
27.3
9.8
7.14
11.20
5600 330562U050HT2
30.4
12.5
7.23
10.60
5600 330R562U050HT2
23.1
8.3
8.30
13.00
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
5600 330562U050JP2
34.5
16.6
6.25
8.50
5600 330R562U050JP2
24.6
9.6
7.40
11.20
6800 330682U050JS2
28.4
13.6
7.48
10.20
6800 330R682U050JS2
20.0
7.8
8.91
13.40
8200 330822U050JT2
24.4
11.7
8.67
11.80
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
8200 330R822U050JT2
17.0
6.6
10.40
15.70
1.02 X 3.65
63 Vdc (90 Vdc Surge)
2200 330222U063GT2
49.6
16.4
5.19
8.53
2200 330R222U063GT2
43.0
14.2
5.58
9.16
2700 330272U063HP2
48.4
18.4
4.92
7.52
2700 330R272U063HP2
37.9
12.5
5.55
9.11
2700 330272U063JL2
49.5
21.8
4.70
6.68
0.77 X 3.65
0.77 X 3.65
0.895 X 2.65
0.895 X 2.65
1.02 X 2.15
2700 330R272U063JL2
36.3
12.7
5.48
8.74
3300 330332U063HS2
39.5
15.0
5.94
9.08
3300 330R332U063HS2
30.7
10.1
6.73
11.10
3900 330392U063HT2
33.7
12.8
6.87
10.50
3900 330R392U063HT2
25.9
8.5
7.84
12.90
1.02 X 2.15
0.895 X 3.15
0.895 X 3.15
0.895 X 3.65
0.895 X 3.65
3900 330392U063JP2
37.9
16.7
5.96
8.47
3900 330R392U063JP2
27.6
9.7
6.99
11.10
4700 330472U063JS2
31.1
13.7
7.15
10.20
4700 330R472U063JS2
22.4
7.8
8.42
13.40
5600 330562U063JT2
26.7
11.7
8.30
11.80
1.02 X 2.65
1.02 X 2.65
1.02 X 3.15
1.02 X 3.15
1.02 X 3.65
5600 330R562U063JT2
19.0
6.6
9.83
15.70
1.02 X 3.65
75 Vdc (100 Vdc Surge)
1800 330182U075GT2
62.7
27.0
4.62
6.64
0.77 X 3.65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com