Electronic Components Datasheet Search
  English  ▼

X  

772 Datasheet(PDF) 1 Page - Murata Power Solutions Inc.

Part # 772
Description  Pulse Transformers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

772 Datasheet(HTML) 1 Page - Murata Power Solutions Inc.

  772 Datasheet HTML 1Page - Murata Power Solutions Inc. 772 Datasheet HTML 2Page - Murata Power Solutions Inc. 772 Datasheet HTML 3Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_772C_C01 Page 1 of 3
772 Series
Pulse Transformers
www.murata-ps.com
www.murata-ps.com/support
 
For full details go to
www.murata-ps.com/rohs
FEATURES
RoHS compliant
Inductance to 16.3mH
Up to 482 Vμs Et rating
PCB mounting
UL 94 V-0 package materials
Up to 4000Vrms isolation
Backward compatible with
Sn/Pb soldering systems
DESCRIPTION
The 772 series of pulse transformers are intended
for medium power applications in switch mode
power supplies and thyristor/triac firing (e.g.
motor control applications). The standard turns
ratios may be modified on any transformer with
three windings by connecting any two windings
in series.
SELECTION GUIDE
Parameter
Order Code
Units
Turns ratio
1:1:1
2:1:1
1:1
1:1:1
1:1:1
2:1:1
Primary Inductance
(Min.)
1.0
1.0
4.0
4.0
16.3
16.3
mH
Primary Et Constant
(Min.)
120
120
240
240
482
482
Vμs
Leakage Inductance
(Max.)
3.0
3.5
5.0
11
40
40
μH
Interwinding
Capacitance (Max.)
40
30
55
35
40
40
pF
DC Resistance (Max.)
Primary winding
0.25
0.24
0.86
0.90
3.60
3.50
Ω
DC Resistance (Max.)
Secondary1 winding
0.22
0.12
0.83
0.76
3.10
1.60
DC Resistance (Max.)
Secondary2 winding
0.28
0.15
-
1.10
4.20
2.00
Isolation voltage (flash
tested for 1 second)
2.5
4.0
2.5
kVrms
SELECTION GUIDE
Parameter
Order Code
Units
Turns ratio
1:1
2:1:1
1:1:1
2:1:1
1:1
Primary Inductance
(Min.)
1.0
1.0
4.0
4.0
16.3
mH
Primary Et Constant
(Min.)
120
120
240
240
482
Vμs
Leakage Inductance
(Max.)
2.0
3.5
11
11
18
μH
Interwinding
Capacitance (Max.)
50
30
18
35
65
pF
DC Resistance (Max.)
Primary winding
0.25
0.24
0.90
0.84
3.50
Ω
DC Resistance (Max.)
Secondary1 winding
0.23
0.12
0.76
0.38
3.40
DC Resistance (Max.)
Secondary2 winding
-
0.15
1.10
0.50
-
Isolation voltage (flash
tested for 1 second)
2.5
kVrms
Specifications typical at T
A
= 25°C
ATURES


Similar Part No. - 772

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
772 FLUKE-772 Datasheet
1Mb / 2P
Fluke 772 and 773 Milliamp Process Clamp Meters
logo
Adafruit Industries
772 ADAFRUIT-772 Datasheet
311Kb / 3P
LCD Shield Kit w/ 16x2 Character Display - Only 2 pins used! - BLUE AND WHITE
logo
Keystone Electronics Co...
772 KEYSTONE-772 Datasheet
355Kb / 1P
GROMMETS & BUSHINGS
31-07 20th
logo
EAO AG.
772-.401-00 EAO-772-.401-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
772-.401-0P EAO-772-.401-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
More results

Similar Description - 772

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
766 CANDD-766 Datasheet
302Kb / 2P
Pulse Transformers
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
Bel Fuse Inc.
S553-3855-01 BEL-S553-3855-01 Datasheet
55Kb / 1P
PULSE TRANSFORMERS
logo
List of Unclassifed Man...
612G ETC2-612G Datasheet
155Kb / 1P
PULSE TRANSFORMERS
76600-1 ETC2-76600-1 Datasheet
302Kb / 2P
Pulse Transformers
logo
Murata Manufacturing Co...
KMP_1000 MURATA-KMP_1000 Datasheet
109Kb / 2P
Pulse Transformers
logo
TDK Electronics
TLA-7T201LF-T TDK-TLA-7T201LF-T Datasheet
412Kb / 34P
Pulse transformers
TLA-6T127LF-T TDK-TLA-6T127LF-T Datasheet
412Kb / 34P
Pulse transformers
logo
Murata Power Solutions ...
766 MURATA-PS-766 Datasheet
162Kb / 3P
Pulse Transformers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com