Electronic Components Datasheet Search
  English  ▼

X  

CRE1 Datasheet(PDF) 13 Page - Murata Power Solutions Inc.

Part # CRE1
Description  Isolated 1W Single Output Isolated DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CRE1 Datasheet(HTML) 13 Page - Murata Power Solutions Inc.

Back Button CRE1 Datasheet HTML 6Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 7Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 8Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 9Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 10Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 11Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 12Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 13Page - Murata Power Solutions Inc. CRE1 Datasheet HTML 14Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CRE1 Series
Isolated 1W Single Output Isolated DC-DC Converters
KDC_CRE1.D02 Page 13 of 14
www.murata-ps.com/support
PACKAGE SPECIFICATIONS (continued)
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
Tube Quantity (MC): 35
(MEC): 30
Unless otherwise specified all dimensions in mm [inches] ±0.55mm [0.022].
Tube Length (MC&MEC) : 475±2.0 (18.70±0.07).
CRE1S0505MC
CRE1S0505MEC
9.40 (0.370)
2.10 (0.083)
6.70 (0.264)
14.35 (0.565)
0.60±0.15 (0.024±0.006)
9.70
(0.382)
2.00 (0.079)
7.62
(0.3)
1.00 (0.040) MIN
2.54 (0.1)
9.05 (0.36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com