Electronic Components Datasheet Search
  English  ▼

X  

1DX Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 1DX
Description  2.4GHz Wi-Fi Bluetooth 4.1 EDR Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

1DX Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  1DX Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 1DX Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 1DX Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specs
Product Type
Module
Grade
Consumer
Frequency
2.4GHz
Frequency MHz (min)
2400
Frequency MHz (max)
2483.5
Chipset
Broadcom BCM4343W
Processor
No
Modulation
DSSS / CCK / OFDM
Embedded Stack
No
Antenna
External
Sleep Clock
Yes
System Clock
Internal X'tal
Operating Temperature Range
-30 to +70C
Operating Temperature °C (min)
-30
Operating Temperature °C (max)
70
Mounting Type
SMT
Package
LGA
Dimension
6.95 x 5.15 x 1.1 mm
Supply Voltage (Vdc)
3.6
Supply Voltage min
3.35 for VBAT
Supply Voltage max
4.2 for VBAT
Transmit Power
+17dBm / 11Mbps
Transmit Mode Current
370mA / 11Mbps
Receive Mode Current
60mA
Data Rate WLAN
11, 54, 65 Mbps
Data Rate Bluetooth
3Mbps
WLAN
802.11b/g/n
Bluetooth
v4.1+EDR
Power Class
Class 1 (10 dBm max)
Technology
Wi-Fi + Bluetooth 4.1 EDR
Network
AP & STA dual mode
Host Interface
SDIO
I/O Interface
PCM for BT audio
Host Interface Other
No
Host Interface BT
UART
Interface Voltage (Vdc for VIO)
1.8 or 3.3
FCC/IC Certified
No
ETSI Certified
No
RoHs Compliant
Yes
ECCN
5A992
ISO9001
No
TS16969
No



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com