Electronic Components Datasheet Search
  English  ▼

X  

82C88 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 82C88
Description  CMOS Bus Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

82C88 Datasheet(HTML) 1 Page - Renesas Technology Corp

  82C88 Datasheet HTML 1Page - Renesas Technology Corp 82C88 Datasheet HTML 2Page - Renesas Technology Corp 82C88 Datasheet HTML 3Page - Renesas Technology Corp 82C88 Datasheet HTML 4Page - Renesas Technology Corp 82C88 Datasheet HTML 5Page - Renesas Technology Corp 82C88 Datasheet HTML 6Page - Renesas Technology Corp 82C88 Datasheet HTML 7Page - Renesas Technology Corp 82C88 Datasheet HTML 8Page - Renesas Technology Corp 82C88 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN2979 Rev 3.00
Page 1 of 12
August 13, 2015
FN2979
Rev 3.00
August 13, 2015
82C88
CMOS Bus Controller
DATASHEET
The Intersil 82C88 is a high performance CMOS Bus
Controller manufactured using a self-aligned silicon gate
CMOS process (Scaled SAJI IV). The 82C88 provides the
control and command timing signals for 80C86, 80C88,
8086, 8088, 8089, 80186, and 80188 based systems. The
high output drive capability of the 82C88 eliminates the need
for additional bus drivers.
Static CMOS circuit design insures low operating power. The
Intersil advanced SAJI process results in performance equal
to or greater than existing equivalent products at a significant
power savings.
Pinouts
20 LD PDIP, CERDIP
TOP VIEW
20 LD PLCC, CLCC
TOP VIEW
Features
• Compatible with Bipolar 8288
• Performance Compatible with:
- 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
- 80186/80188. . . . . . . . . . . . . . . . . . . . . . . . . . (6/8MHz)
- 8086/8088. . . . . . . . . . . . . . . . . . . . . . . . . . . . (5/8MHz)
-8089
• Provides Advanced Commands for Multi-Master Busses
• Three-State Command Outputs
• Bipolar Drive Capability
• Scaled SAJI IV CMOS Process
• Single 5V Power Supply
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10
A (Max)
- ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . 1mA/MHz (Max)
• Operating Temperature Ranges
- C82C88 . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
- I82C88 . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
- M82C88 . . . . . . . . . . . . . . . . . . . . . . . .-55°C to +125°C
• Pb-Free Plus Anneal Available (RoHS Compliant)
11
12
13
14
15
16
17
18
19
20
10
9
8
7
6
5
4
3
2
1
IOB
CLK
ALE
GND
DT/ R
AEN
MRDC
AMWC
MWTC
S1
VCC
MCE/PDEN
DEN
CEN
IORC
AIOWC
IOWC
INTA
S0
S2
4
5
6
7
8
910
11
12 13
321
20 19
15
14
18
17
16
ALE
DT/ R
AEN
MRDC
AMWC
DEN
CEN
MCE/PDEN
INTA
S2
Ordering Information
PART NUMBER
PART
MARKING PACKAGE
TEMP
RANGE
(°C)
PKG.
DWG. #
CP82C88Z (Note) (No
longer available or
supported)
CP82C88Z 20 Ld PDIP
(Pb-free)
0 to +70
E20.3
CS82C88
(No longer available
or supported)
CS82C88
20 Ld
PLCC
0 to +70
N20.35
MR82C88/B
No longer available
or supported)
MR82C88/B 20 Pad
CLCC
-55 to +125
J20.A
MD82C88/B
MD82C88/B 20 Ld
CERDIP
-55 to +125
F20.3
8406901RA
8406901RA SMD#
F20.3
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.


Similar Part No. - 82C88

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
82C88 INTERSIL-82C88 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
List of Unclassifed Man...
82C881 ETC1-82C881 Datasheet
229Kb / 46P
FireLink 1394 OHCI Link Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
More results

Similar Description - 82C88

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM82C88-2RS OKI-MSM82C88-2RS Datasheet
667Kb / 10P
BUS CONTROLLER
logo
Intersil Corporation
82C88 INTERSIL-82C88 Datasheet
129Kb / 10P
CMOS Bus Controller
March 1997
logo
Mitel Networks Corporat...
MT8952B-1 MITEL-MT8952B-1 Datasheet
170Kb / 27P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT8952B MITEL-MT8952B Datasheet
397Kb / 22P
ISO-CMOS ST-BUS??FAMILY HDLC Protocol Controller
MT9079 MITEL-MT9079 Datasheet
567Kb / 54P
CMOS ST-BUS??FAMILY Advanced Controller for E1
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
System Bus Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Intersil Corporation
82C88 INTERSIL-82C88_05 Datasheet
252Kb / 11P
CMOS Bus Controller
August 25, 2005
logo
Renesas Technology Corp
M66011FP RENESAS-M66011FP Datasheet
2Mb / 13P
SERIAL BUS CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
SCSI Bus Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com