Electronic Components Datasheet Search
  English  ▼

X  

EL5126CL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5126CL
Description  8-Channel TFT-LCD Reference Voltage Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5126CL Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5126CL Datasheet HTML 1Page - Renesas Technology Corp EL5126CL Datasheet HTML 2Page - Renesas Technology Corp EL5126CL Datasheet HTML 3Page - Renesas Technology Corp EL5126CL Datasheet HTML 4Page - Renesas Technology Corp EL5126CL Datasheet HTML 5Page - Renesas Technology Corp EL5126CL Datasheet HTML 6Page - Renesas Technology Corp EL5126CL Datasheet HTML 7Page - Renesas Technology Corp EL5126CL Datasheet HTML 8Page - Renesas Technology Corp EL5126CL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EL5126
FN7337 Rev 2.00
Page 2 of 12
August 24, 2006
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . .+18V
Supply Voltage between VSD and GND . . . . . . . . . . . . . . . . . . .+7V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = 18V, VSD = 5V, VREFH = 13V, VREFL = 2V, RL = 1.5k and CL = 200pF to 0V, TA = +25°C Unless
Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY
IS
Supply Current
No load
7.6
9
mA
ISD
Digital Supply Current
1.9
3.2
mA
ANALOG
VOL
Output Swing Low
Sinking 5mA
50
150
mV
VOH
Output Swing High
Sourcing 5mA
14.85
14.95
V
ISC
Short Circuit Current
RL = 10
150
240
mA
PSRR
Power Supply Rejection Ratio
VS+ is moved from 14V to 16V
45
60
dB
tD
Program to Out Delay
4ms
VAC
Accuracy
20
mV
VDROOP
Droop Voltage
FCLOCK = 25kHz
1
2
mV/ms
RINH
Input Resistance @ VREFH, VREFL
32
k
REG
Load Regulation
IOUT = 5mA step
0.5
1.5
mV/mA
DIGITAL
VIH
Logic 1 Input Voltage
VSD-
20%
V
VIL
Logic 0 Input Voltage
20%*
VSD
V
FCLK
Clock Frequency
400
kHz
RSDIN
SDIN Input Resistance
1G
tS
Setup Time
40
ns
tH
Hold Time
40
ns
tR
Rise Time
20
ns
tF
Fall Time
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com