Electronic Components Datasheet Search
  English  ▼

X  

RXC101 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # RXC101
Description  RXC101 is a highly integrated single chip, zero-IF, multi-channel, low power, high data rate RF receiver designed to operate in the unlicensed 315/433/868/915 MHz frequency bands
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RXC101 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  RXC101 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RXC101 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
www.RFM.com
Email: info@rfm.com
Page 4 of 43
©by RF Monolithics, Inc.
RXC101 - 4/8/08
1. Pin Description
Processor Mode
Pin
Name
Description
1
SDI
SPI Data In
2
SCK
SPI Data Clock
3
nCS
Chip Select Input
– Selects the chip for an SPI data transaction. The pin must be pulled ‘low’
for a 16-bit read or write function. See Figure 6 for timing specifications.
4
nFINT/SDO
FIFO Interrupt Output (active low)
– When the internal FIFO is enabled (Configuration
Register,
Bit [6]), this pin acts as a FIFO Fill interrupt indicating that the FIFO has filled to its
pre-programmed limit (FIFO Configuration Register, Bit [7..4]).
SPI Serial Data Out
– May be used to read out the Status Register contents.
5
nIRQ
Interrupt Request Output
– Any of the following events will generate an external interrupt:
-Wake-up timer timeout
-Low Battery Detect
-FIFO fill
-FIFO overflow
To determine the source of the interrupt, the processor may read the first four bits of the
Status Register
.
6
DATA/nFSEL
Data Output
– Received data can be taken from this pin when the FIFO is not used.
FIFO Select Input
– When the FIFO is used this pin selects the FIFO when data is to be read
out over the SDO pin.
7
DCLK/FCAP/
FINT
Data Recovery Clock Output
– Recovered Data clock Output (FIFO not used).
Filter Capacitor
– When the analog filter is used this pin is the connection for the RC
lowpass filter. The corner frequency should be set as close to the data rate as possible to
retain good sensitivity.
FIFO Interrupt Output (active high)
– Indicates when there are remaining bits in the FIFO to
be read. Set the FIFO Fill level to 1 in the FIFO Configuration Register.
8
ClkOut
Optional host processor Clock Output. Frequency programmable through the Battery Detect
Threshold and Clock Output Register.
9
Xtal/Ref
Xtal
- Connects to a 10MHz series crystal or an external oscillator reference. The circuit
contains an integrated load capacitor (See Configuration Register) in order to minimize the
external component count. The crystal is used as the reference for the PLL, which generates
the local oscillator frequency. The accuracy requirements for production tolerance,
temperature drift and aging can be determined from the maximum allowable local oscillator
frequency error. Whenever a low frequency error is essential for the application, it is possible
to “pull” the crystal to the accurate frequency by changing the load capacitor value.
Ext Ref
– An external reference, such as an oscillator, may be connected as a reference
source. Connect through a .01uF capacitor.
10
nRST
Reset Output
(active Low)
11
GND
System Ground
12
RF_P
RF Diff I/O
13
RF_N
RF Diff I/O
14
VDD
Supply Voltage
15
RSSIA
Analog RSSI Output
– This pin may be used as an input to an A/D for signal strength or may
be used as a baseband data output for OOK signaling. See Baseband Filter Register to
calculate the appropriate filter capacitor value.
16
DDET
Valid Data Detector Output
- (See Receiver Control Register for output definition)
1.1 Processor Mode Pin Configuration
SDI
SCK
nCS
SDO/FINT
IRQ
DATA/nFSEL
CR/FINT/FCAP
CLKOUT
DDET
RSSIA
VDD
RF_N
RF_P
GND
nRESET
Xtal/Ref
TOP VIEW
RXC101
2
3
4
5
6
7
89
10
11
12
13
14
15
16
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com