Electronic Components Datasheet Search
  English  ▼

X  

TX5000 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # TX5000
Description  RFM products are now Murata products
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TX5000 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  TX5000 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TX5000 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TX5000 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TX5000 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TX5000 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TX5000 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2010-2015 by Murata Electronics N.A., Inc.
TX5000 (R) 4/24/15
Page 4 of 6
www.murata.com
The transmitter RF output power is proportional to the input current
to the TXMOD pin. A series resistor is used to adjust the peak
transmitter output power. 0 dBm of output power requires about
250 µA of input current.
Transmitter Mode Control
The three transmitter operating modes – transmit ASK, transmit
OOK, and power-down (sleep), are controlled by the Modulation &
Bias Control function, and are selected with the CNTRL1 and
CNTRL0 control pins. Setting CNTRL1 high and CNTRL0 low
place the unit in the ASK transmit mode. Setting CNTRL1 low and
CNTRL0 high place the unit in the OOK transmit mode. Setting
CNTRL1 and CNTRL0 both low place the unit in the power-down
mode. (Note that the resistor driving TXMOD must also be low in
the power-down mode to minimize power-down current.) CNTRL1
and CNTRL0 are CMOS compatible inputs. These inputs must be
held at a logic level; they cannot be left unconnected.
Turn-On Timing
The maximum time required for either the OOK or ASK transmitter
mode to become operational is 5 ms after the supply voltage
reaches 2.2 Vdc. The total turn-on time to stable transmitter
operation for a 10 ms power supply rise time is 15 ms.
Sleep and Wake-Up Timing
The maximum transition time from either transmit mode to the
sleep mode (tTOS and tTAS) is 15 µs after CNTRL1 and CNTRL0
are both low (1 µs fall time).
The maximum time required to switch from the sleep mode to
either transmit mode (tSTO and tSTA) is 21 µs. Most of this time is
due to the start-up of the transmitter oscillator.
0.000
.0775
.1025
.1175
.1575
.1975
.2375
.2775
.3175
.3575
.3825
.4600
Dimensions in inches
SM-20L PCB Pad Layout
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
10.795
10.922
11.04
9
.425
.430
.435
B
9.525
9.652
9.779
.375
.380
.385
C
1.778
1.905
2.032
.070
.075
.080
D
3.048
3.175
3.302
.120
.125
.130
E
0.381
0.508
0.635
.015
.020
.025
F
0.889
1.016
1.143
.035
.040
.045
G
3.175
3.302
3.429
.125
.130
.135
H
1.778
1.905
2.032
.070
.075
0.80
SM-20L Package Drawing
CD
E
F
G
A
B
H
3
4
5
6
7
9
11
12
13
14
15
16
17
19
Transmitter Pin Out
RFIO
8
2
10
20
1
18
NC
NC
NC
NC
NC
NC
NC
NC
TXMOD
NC
NC
NC
GND1
VCC1
GND2
VCC2
GND3
CNTRL0
CNTRL1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com