Electronic Components Datasheet Search
  English  ▼

X  

AFC Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # AFC
Description  Low Impedance and Long-Life for Filtering, Bypassing and Power Supply Decoupling
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

AFC Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  AFC Datasheet HTML 1Page - Cornell Dubilier Electronics AFC Datasheet HTML 2Page - Cornell Dubilier Electronics AFC Datasheet HTML 3Page - Cornell Dubilier Electronics AFC Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type AFC –55 °C to 105 °C
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 °C
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Typical Performance Curves
AFC
106
M
16
B
12T
I
I
I
I
I
I
Type
Capacitance Capacitance
Voltage
Case
Packaging
105 = 1.0 µF
Tolerance 06 = 6.3 Vdc 25 = 25 Vdc
Code
Information
106 = 10.0 µF
M = ±20% 10 = 10 Vdc
35 = 35 Vdc
12 = Carrier tape
107 = 100.0 µF
16 = 16 Vdc
50 = 50 Vdc
Width (mm)
108 = 1000 µF
T = Tape & Reel
B = bulk



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com