Electronic Components Datasheet Search
  English  ▼

X  

FP11120 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11120
Description  ~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11120 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11120 Datasheet HTML 1Page - Ledil, Inc. FP11120 Datasheet HTML 2Page - Ledil, Inc. FP11120 Datasheet HTML 3Page - Ledil, Inc. FP11120 Datasheet HTML 4Page - Ledil, Inc. FP11120 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FP11120_LISA2-O-CLIP
LISA2-O-CLIP
~45° x 20° oval beam optimized for Osram Oslon
SSL
80.
6.6
mm
high
variant
with
clip
installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.6 mm
Fastening
glue, clips
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA2-O-XP
Lens
PMMA
clear
LISA2-HLD-CLIP-OSL
Holder
PC
black
Last update: 15/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FP11120

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP11121 CREE-FP11121 Datasheet
397Kb / 7P
Lisa series
logo
Ledil, Inc.
FP11121 LEDIL-FP11121 Datasheet
1Mb / 6P
~45째 x 20째 oval beam optimized for CREE XP-E.
FP11122 LEDIL-FP11122 Datasheet
4Mb / 6P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11124 LEDIL-FP11124 Datasheet
3Mb / 5P
~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
logo
Cree, Inc
FP11125 CREE-FP11125 Datasheet
626Kb / 10P
Lisa series
More results

Similar Description - FP11120

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP11001 LEDIL-FP11001 Datasheet
3Mb / 5P
~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11081 LEDIL-FP11081 Datasheet
3Mb / 5P
~20째 medium beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11082 LEDIL-FP11082 Datasheet
3Mb / 5P
~35째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11083 LEDIL-FP11083 Datasheet
3Mb / 5P
~45째 wide beam optimized for Osram Oslon SSL 80. 7.0 mm high variant with clip installation.
FP11084 LEDIL-FP11084 Datasheet
3Mb / 5P
~19째 spot beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11122 LEDIL-FP11122 Datasheet
4Mb / 6P
~45째 x 20째 oval beam optimized for LUXEON Rebel. 6.6 mm high variant with clip installation.
FP11124 LEDIL-FP11124 Datasheet
3Mb / 5P
~45째 x 20째 oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with location pin installation.
FP11852 LEDIL-FP11852 Datasheet
3Mb / 5P
~20째 x 50째 oval beam optimized for Osram Oslon SSL 80. Variant with beam direction rotated 90째.
FP11857 LEDIL-FP11857 Datasheet
3Mb / 4P
~20째 x 50째 turned oval beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
FP11958 LEDIL-FP11958 Datasheet
3Mb / 5P
~80째 wide beam optimized for Osram Oslon SSL 80. 6.6 mm high variant with clip installation.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com