Electronic Components Datasheet Search
  English  ▼

X  

HIP4020 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP4020
Description  Half Amp Full Bridge Power Driver for Small 3V, 5V and 12V DC Motors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP4020 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP4020 Datasheet HTML 1Page - Renesas Technology Corp HIP4020 Datasheet HTML 2Page - Renesas Technology Corp HIP4020 Datasheet HTML 3Page - Renesas Technology Corp HIP4020 Datasheet HTML 4Page - Renesas Technology Corp HIP4020 Datasheet HTML 5Page - Renesas Technology Corp HIP4020 Datasheet HTML 6Page - Renesas Technology Corp HIP4020 Datasheet HTML 7Page - Renesas Technology Corp HIP4020 Datasheet HTML 8Page - Renesas Technology Corp HIP4020 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HIP4020
FN3976 Rev 4.00
Page 5 of 10
September 17, 2015
Application
The HIP4020 is designed to detect load current feedback from
sampling resistors of low value in the source connections of
the output drivers to VDD, VSSA and VSSB (See Figure 1).
When the sink or source current at OUTA or OUTB exceeds
the preset OC (Overcurrent) limiting value of 550mA typical,
the current is held at the limiting value. If the OT (Over-
Temperature) Shutdown Protection limit is exceeded,
temperature sensing BiMOS circuits limit the junction
temperature to 150°C typical.
The circuit of Figure 1 shows the Full H-Switch in a small motor-
drive application. The left (A) and right (B) H-Switch’s are
controlled from the A and B inputs via the A and B CONTROL
LOGIC to the MOS output transistors Q1, Q2, Q3 and Q4. The
circuit is intended to safely start, stop, and control rotational
direction for a motor requiring no more than 0.5A of supply
current. The stop function includes a Dynamic Braking feature.
With the ENABLE Inputs Low, the MOS transistors Q1 and Q3
are OFF; which cuts-off supply current to OUTA and OUTB. With
the BRAKE terminal Low and ENABLE Inputs High, either Q1 and
Q4 or Q3 and Q2 will be driven into conduction by the
FIGURE 1. TYPICAL MOTOR CONTROL APPLICATION CIRCUIT SHOWING DIRECTIONAL AND BRAKING CONTROL
B1
B2
ENB
A1
A2
ENA
VDD
VSS
VSSB
VSSA
V+
OUTA
OUTB
BRAKE
ON
OFF
DIRECTION
ENABLE
(LOGIC
GROUND)
LOAD
ILF
Q1
Q3
Q2
Q4
D1
D3
D4
D2
CONTROL
LOGIC A
V-
CONTROL
LOGIC B
SWITCHING WAVEFORMS
FIGURE 2.
TRUTH TABLE
SWITCH DRIVER A
SWITCH DRIVER B
INPUTS
OUTPUT
INPUTS
OUTPUT
A1 A2 ENA
OUTA
B1 B2 ENB
OUTB
HL
H
OH
L
L
H
OH
LL
H
OL
H
L
H
OL
HH
H
OL
L
H
H
OL
LH
H
OL
H
H
H
OL
XX
L
Z
XX
L
Z
L = Low logic level; H = High logic level
Z = High Impedance (off state)
OH = Output High (sourcing current to the output terminal)
OL = Output Low (sinking current from the output terminal)
X = Don’t Care
tPLH
50%
50%
VEN
VOUT
tPHL
50%
50%
VEN
VOUT
tr
tf
10%
90%
10%
90%
HIP4020



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com