Electronic Components Datasheet Search
  English  ▼

X  

HIP6013 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HIP6013
Description  Buck Pulse-Width Modulator (PWM) Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6013 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HIP6013 Datasheet HTML 2Page - Renesas Technology Corp HIP6013 Datasheet HTML 3Page - Renesas Technology Corp HIP6013 Datasheet HTML 4Page - Renesas Technology Corp HIP6013 Datasheet HTML 5Page - Renesas Technology Corp HIP6013 Datasheet HTML 6Page - Renesas Technology Corp HIP6013 Datasheet HTML 7Page - Renesas Technology Corp HIP6013 Datasheet HTML 8Page - Renesas Technology Corp HIP6013 Datasheet HTML 9Page - Renesas Technology Corp HIP6013 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HIP6013
FN4325 Rev 1.00
Page 6 of 11
November 3, 2005
The over-current function will trip at a peak inductor current
(IPEAK) determined by:
where IOCSET is the internal OCSET current source (200A -
typical). The OC trip point varies mainly due to the MOSFET’s
rDS(ON) variations. To avoid over-current tripping in the normal
operating load range, find the ROCSET resistor from the
equation above with:
1. The maximum rDS(ON) at the highest junction temperature.
2. The minimum IOCSET from the specification table.
3. Determine
,
where
I is the output inductor ripple current.
For an equation for the ripple current see the section under
component guidelines titled ‘Output Inductor Selection’.
A small ceramic capacitor should be placed in parallel with
ROCSET to smooth the voltage across ROCSET in the
presence of switching noise on the input voltage.
Application Guidelines
Layout Considerations
As in any high frequency switching converter, layout is very
important. Switching current from one power device to another
can generate voltage transients across the impedances of the
interconnecting bond wires and circuit traces. These
interconnecting impedances should be minimized by using wide,
short printed circuit traces. The critical components should be
located as close together as possible using ground plane
construction or single point grounding.
Figure 5 shows the critical power components of the converter.
To minimize the voltage overshoot the interconnecting wires
indicated by heavy lines should be part of ground or power
plane in a printed circuit board. The components shown in
Figure 6 should be located as close together as possible.
Please note that the capacitors CIN and CO each represent
numerous physical capacitors. Locate the HIP6013 within 3
inches of the MOSFETs, Q1. The circuit traces for the
MOSFETs’ gate and source connections from the HIP6013
must be sized to handle up to 1A peak current.
Figure 6 shows the circuit traces that require additional layout
consideration. Use single point and ground plane construction
for the circuits shown. Minimize any leakage current paths on
the SS PIN and locate the capacitor, Css close to the SS pin
because the internal current source is only 10
A. Provide local
VCC decoupling between VCC and GND pins. Locate the
capacitor, CBOOT as close as practical to the BOOT and
PHASE pins.
0A
0V
TIME (20ms/DIV)
5A
10A
15A
2V
4V
FIGURE 4. OVER-CURRENT OPERATION
IPEAK
IOCSET ROCSET
rDS ON

---------------------------------------------------
=
IPEAK for IPEAK IOUT MAX

I
 2
+
FIGURE 5. PRINTED CIRCUIT BOARD
POWER AND GROUND PLANES OR ISLANDS
LO
CO
UGATE
PHASE
Q1
D2
VIN
VOUT
RETURN
HIP6013
CIN
+12V
HIP6013
SS
GND
VCC
BOOT
D1
LO
CO
VOUT
Q1
D2
PHASE
FIGURE 6. PRINTED CIRCUIT BOARD
SMALL SIGNAL LAYOUT GUIDELINES
+VIN
CBOOT
CVCC
CSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com