Electronic Components Datasheet Search
  English  ▼

X  

TUSB564I Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB564I
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564I Datasheet(HTML) 2 Page - Texas Instruments

  TUSB564I Datasheet HTML 1Page - Texas Instruments TUSB564I Datasheet HTML 2Page - Texas Instruments TUSB564I Datasheet HTML 3Page - Texas Instruments TUSB564I Datasheet HTML 4Page - Texas Instruments TUSB564I Datasheet HTML 5Page - Texas Instruments TUSB564I Datasheet HTML 6Page - Texas Instruments TUSB564I Datasheet HTML 7Page - Texas Instruments TUSB564I Datasheet HTML 8Page - Texas Instruments TUSB564I Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
TUSB564
SLLSF29C – OCTOBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
ELECTRICAL CHARACTERISTICS ......................... 6
6.6
Switching Characteristics .......................................... 9
6.7
Timing Requirements .............................................. 10
6.8
Typical Characteristics ............................................ 11
7
Parameter Measurement Information ................ 13
8
Detailed Description ............................................ 15
8.1
Overview ................................................................. 15
8.2
Functional Block Diagram ....................................... 16
8.3
Feature Description................................................. 17
8.4
Device Functional Modes........................................ 18
8.5
Programming........................................................... 23
8.6
Register Maps ......................................................... 25
9
Application and Implementation ........................ 30
9.1
Application Information............................................ 30
9.2
Typical Application ................................................. 30
9.3
System Examples .................................................. 35
10
Power Supply Recommendations ..................... 40
11
Layout................................................................... 41
11.1
Layout Guidelines ................................................. 41
11.2
Layout Example .................................................... 41
12
Device and Documentation Support ................. 42
12.1
Documentation Support ....................................... 42
12.2
Receiving Notification of Documentation Updates 42
12.3
Community Resources.......................................... 42
12.4
Trademarks ........................................................... 42
12.5
Electrostatic Discharge Caution ............................ 42
12.6
Glossary ................................................................ 42
13
Mechanical, Packaging, and Orderable
Information ........................................................... 42
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (January 2018) to Revision C
Page
•
Updated AUX_SBU_OVR Description field in Table 15 to match Table 6 .......................................................................... 27
Changes from Original (October 2017) to Revision A
Page
•
Changed the device status from Advance Information to Production Data............................................................................ 1
•
From: UFP_D pin assignments C, and D To: UFP_D pin assignments C, D, and E ............................................................ 1
•
Added Note which describes AUX snoop feature is only supported in I2C mode. In GPIO mode, AUX snoop is
disabled and all four lanes are enabled. ............................................................................................................................. 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com