Electronic Components Datasheet Search
  English  ▼

X  

SC1592 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1592
Description  Low Dropout High Performance Adjustable Positive Voltage Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1592 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1592 Datasheet HTML 1Page - Semtech Corporation SC1592 Datasheet HTML 2Page - Semtech Corporation SC1592 Datasheet HTML 3Page - Semtech Corporation SC1592 Datasheet HTML 4Page - Semtech Corporation SC1592 Datasheet HTML 5Page - Semtech Corporation SC1592 Datasheet HTML 6Page - Semtech Corporation SC1592 Datasheet HTML 7Page - Semtech Corporation SC1592 Datasheet HTML 8Page - Semtech Corporation SC1592 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
 2004 Semtech Corp.
www.semtech.com
SC1592
POWER MANAGEMENT
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
)
1
(
T
(
e
g
n
a
R
.
p
m
e
T
J)
R
T
M
I
2
9
5
1
C
SL
7
-
3
6
2
-
O
TC
°
5
2
1
+
o
t
C
°
0
4
-
R
T
S
I
2
9
5
1
C
SP
D
E
L
8
-
C
I
O
S
B
V
E
2
9
5
1
C
S
)
2
(
d
r
a
o
B
n
o
it
a
u
l
a
v
E
Pin Configurations
Ordering Information
Pin Descriptions
#
n
i
P
K
A
P
D
D
#
n
i
P
C
I
O
S
e
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
11
M
I
L
I.
A
5
<
t
a
t
e
s
e
b
d
l
u
o
h
s
ti
m
il
t
n
e
r
r
u
c
e
l
b
a
m
m
a
r
g
o
r
p
y
ll
a
n
r
e
t
x
E
23
,
2N
I
d
e
il
p
p
u
s
s
i
t
n
e
r
r
u
c
d
a
o
l
t
u
p
u
o
e
h
T
.
e
c
i
v
e
d
r
e
w
o
p
e
h
t
o
t
t
u
p
n
i
r
o
t
c
e
ll
o
c
e
h
t
s
i
s
i
h
T
.
n
i
p
s
i
h
t
h
g
u
o
r
h
t
34
L
T
N
C
ll
i
w
n
i
p
s
i
h
t
o
t
n
i
w
o
lf
t
n
e
r
r
u
c
e
h
T
.
y
r
ti
u
c
r
i
c
l
o
r
t
n
o
c
e
h
t
r
o
f
y
l
p
p
u
s
s
a
i
b
e
h
t
s
i
n
i
p
s
i
h
T
e
g
a
tl
o
v
e
h
t
,
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
e
h
t
r
o
F
.t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
t
f
o
%
1
y
l
e
t
a
m
i
x
o
r
p
p
a
e
b
n
a
h
t
s
s
e
l
o
n
t
u
b
,
e
g
a
tl
o
v
t
u
p
t
u
o
e
h
t
n
a
h
t
r
e
t
a
e
r
g
V
5
.
1
t
s
a
e
l
t
a
e
b
t
s
u
m
n
i
p
s
i
h
t
n
o
V
.
N
I
M
_
L
T
N
C
B
A
T
,
4D
A
PD
N
G.
d
n
u
o
r
G
56
,
5T
U
O.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
p
e
h
t
s
i
s
i
h
T
67
E
S
N
E
S.t
u
p
n
i
k
c
a
b
d
e
e
f
a
s
i
s
i
h
T
78
N
EV
o
t
l
a
u
q
e
r
o
s
s
e
l
e
b
d
l
u
o
h
s
,
h
g
i
h
n
e
h
W
.t
u
p
n
i
e
l
b
a
n
E
.
L
T
N
C
Notes:
(1) Only available in tape and reel packaging. A reel
contains 800 devices for TO-263 package and 2500
devices for SOIC package.
(2) When ordering Evaluation Board please specify pack-
age needed (TO-263(DDPAK) or SOIC(EDP)).
Top View
(TO-263-7L DDPAK)
1
2
3
4
EN
ILIM
Top View
(SOIC-8L EDP)
5
6
7
8
SENSE
IN
OUT
IN
OUT
CNTL
n
o
i
t
c
n
u
F
n
i
P
1M
I
L
I
2N
I
3L
T
N
C
4D
N
G
5T
U
O
6E
S
N
E
S
7N
E
B
A
TD
N
G
1
2
3
4
IN
ILIM
Bottom View
(SOIC-8L EDP)
5
6
7
8
CNTL
SENSE
OUT
IN
OUT
EN
GND
Exposed
Die Pad
TAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com