Electronic Components Datasheet Search
  English  ▼

X  

BCR3 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # BCR3
Description  LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

BCR3 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  BCR3 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor BCR3 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Feb.1999
BCR3KM-14
OUTLINE DRAWING
Dimensions in mm
TO-220FN
MITSUBISHI SEMICONDUCTOR
〈TRIAC〉
BCR3KM-14
LOW POWER USE
INSULATED TYPE, PLANAR PASSIVATION TYPE
APPLICATION
Contactless AC switches, light dimmer, electric blankets, control of household equipment
such as electric fan, solenoid drivers, small motor control, other general purpose control
applications
q
IT (RMS) .................................................................. 3A
q
VDRM ................................................................. 700V
q
IFGT !, IRGT ! , IRGT # ..................................... 30mA
q
Viso .................................................................. 2000V
V1. Gate open.

Œ
Ž
Measurement point of
case temperature
V
Œ

Ž
T1 TERMINAL
T2 TERMINAL
GATE TERMINAL
10
± 0.3
2.8
± 0.2
φ 3.2 ± 0.2
1.1
± 0.2
1.1
± 0.2
0.75
± 0.15
2.54
± 0.25
2.54
± 0.25
0.75
± 0.15
Œ Ž
E
IT (RMS)
ITSM
I2t
PGM
PG (AV)
VGM
IGM
Tj
Tstg
—
Viso
Symbol
A
A
A2s
W
W
V
A
°C
°C
g
V
3
30
3.7
3
0.3
6
0.5
–40 ~ +125
–40 ~ +125
2.0
2000
Symbol
14
700
840
V
V
MAXIMUM RATINGS
Value corresponding to 1 cycle of half wave 60Hz, surge on-state
current
VDRM
VDSM
RMS on-state current
Surge on-state current
I2t for fusing
Peak gate power dissipation
Average gate power dissipation
Peak gate voltage
Peak gate current
Junction temperature
Storage temperature
Weight
Isolation voltage
Parameter
Parameter
Voltage class
Unit
Ratings
Unit
Conditions
Commercial frequency, sine full wave 360
° conduction, Tc=108°C
60Hz sinewave 1 full cycle, peak value, non-repetitive
Typical value
Ta=25
°C, AC 1 minute, T1 · T2 · G terminal to case
Repetitive peak off-state voltageV1
Non-repetitive peak off-state voltageV1


Similar Part No. - BCR3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR30 MITSUBISHI-BCR30 Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR30 MITSUBISHI-BCR30 Datasheet
90Kb / 5P
MEDIUM POWER USE INSULATED TYPE, GLASS PASSIVATION TYPE
BCR30AM MITSUBISHI-BCR30AM Datasheet
88Kb / 5P
MEDIUM POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR30AM POWEREX-BCR30AM Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
BCR30AM-12 POWEREX-BCR30AM-12 Datasheet
71Kb / 4P
Triac 30 Ampere/400-600 Volts
More results

Similar Description - BCR3

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
BCR08AS-8 MITSUBISHI-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR2PM MITSUBISHI-BCR2PM Datasheet
48Kb / 4P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3KM MITSUBISHI-BCR3KM Datasheet
48Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3PM MITSUBISHI-BCR3PM Datasheet
92Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR5PM MITSUBISHI-BCR5PM Datasheet
93Kb / 5P
LOW POWER USE INSULATED TYPE, PLANAR PASSIVATION TYPE
CR05AS MITSUBISHI-CR05AS Datasheet
67Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Powerex Power Semicondu...
BCR08AS-8 POWEREX-BCR08AS-8 Datasheet
101Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR08AS POWEREX-BCR08AS Datasheet
63Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
BCR3AS POWEREX-BCR3AS Datasheet
86Kb / 5P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
logo
Renesas Technology Corp
BCR08AS RENESAS-BCR08AS_15 Datasheet
122Kb / 8P
LOW POWER USE NON-INSULATED TYPE, PLANAR PASSIVATION TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com