Electronic Components Datasheet Search
  English  ▼

X  

ZABDC20-252H Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZABDC20-252H
Description  Bi-Directional Coupler
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZABDC20-252H Datasheet(HTML) 1 Page - Mini-Circuits

  ZABDC20-252H Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical Performance Data
Bi-Directional Coupler Electrical Specifications
Maximum Ratings
Coaxial Connections
INPUT
1
OUTPUT
4
COUPLED (forward)
2
COUPLED (reverse)
3
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
DC Current
2.0 A
Outline Drawing
Outline Dimensions (
)
inch
mm
ZABDC20-252H+
MAINLINE LOSS
0.0
0.1
0.2
0.3
0.4
0.5
700
1000
1300
1600
1900
2200
2500
FREQUENCY (MHz)
at RF level of -10 dBm
ZABDC20-252H+
COUPLING & DIRECTIVITY
0
10
20
30
40
50
700
1000
1300
1600
1900
2200
2500
FREQUENCY (MHz)
COUPLING IN-CPL FWD
DIRECTIVITY IN-CPL REV
at RF level of -10 dBm
ZABDC20-252H+
RETURN LOSS
10
20
30
40
50
60
700
1000
1300
1600
1900
2200
2500
FREQUENCY (MHz)
IN
OUT
CPL-FWD
CPL-REV
at RF level of -10 dBm
50Ω
Up to 100W
800 to 2500 MHz
Bi-Directional Coupler
REV. B
M151107
ED-11579/4
ZABDC20-252H+
WP/QL/AM
151007
DC Pass
A
B
C
D
E
FG
2.00
2.00
.88
.90
.156
1.688
.125
50.80
50.80
22.35
22.86
3.96
42.88
3.18
H
J
K
L
M
wt
.38
---
.50
1.00
1.25
grams
9.65
---
12.70
25.40
31.75
225
Features
• excellent mainline loss, 0.17 dB typ.
• excellent directivity, 28 dB typ.
• high power, up to 100W
• rugged shielded case
• DC current through input to output 2.0A Max.
at 50 watt RF input power
Applications
• PCS/DCS/UMTS
• power leveling & monitoring
• VSWR measurement
ZABDC20-252H+
CASE STYLE: DD477-1
Connectors Model
SMA
ZABDC20-252H-S+
N-TYPE
ZABDC20-252H-N+
Frequency
(MHz)
Mainline Loss
(dB)
Coupling
(dB)
Directivity
(dB)
Return Loss
(dB)
In-Out
In-Cpl Fwd
Out-Cpl Rev Out-Cpl Fwd
In-Cpl Rev
In
Out
Cpl Fwd
Cpl Rev
800.00
0.11
23.88
23.85
32.78
36.66
39.78
35.40
47.06
42.20
1000.00
0.12
22.32
22.28
30.17
32.23
39.27
35.77
38.27
37.38
1200.00
0.13
21.22
21.15
31.42
32.87
35.59
36.09
34.59
34.96
1400.00
0.15
20.43
20.38
35.46
36.13
32.74
34.79
33.78
35.02
1600.00
0.17
19.92
19.86
42.35
35.55
30.21
33.34
31.94
33.00
1800.00
0.19
19.63
19.58
32.79
29.28
29.43
33.84
33.22
32.26
2000.00
0.20
19.58
19.54
28.91
26.99
30.64
33.90
36.72
35.98
2200.00
0.21
19.77
19.73
28.11
26.09
31.14
35.70
41.69
36.37
2400.00
0.21
20.21
20.16
27.14
25.13
35.33
36.16
49.29
35.25
2500.00
0.21
20.53
20.48
27.45
24.97
37.60
37.56
38.44
34.58
1. Mainline loss includes theoretical power loss at coupled port.
FREQ.
(MHz)
COUPLING
(dB)
MAINLINE LOSS1
(dB)
DIRECTIVITY
(dB)
VSWR
(:1)
POWER
INPUT
(W)
f
L-fU
Nom.
Flatness
Typ. Max.
Typ. Min.
Typ.
Max.
800-2500
0.20 0.35
28
20
1.05
50
800-1000
23±1.0
±0.9
0.15 0.25
30
23
1.05
100
1300-2500 19.7±0.7
±0.75
0.20 0.35
28
20
1.05
50
SMA version shown
Electrical Schematic
* Case temperature is defined as temperature on ground leads
.
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1


Similar Part No. - ZABDC20-252H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZABDC20-25H75 MINI-ZABDC20-25H75 Datasheet
227Kb / 1P
Bi-Directional Coupler
ZABDC20-25H75+ MINI-ZABDC20-25H75+ Datasheet
227Kb / 1P
Bi-Directional Coupler
ZABDC20-25H75F MINI-ZABDC20-25H75F Datasheet
207Kb / 1P
Bi-Directional Coupler
ZABDC20-25H75F+ MINI-ZABDC20-25H75F+ Datasheet
207Kb / 1P
Bi-Directional Coupler
More results

Similar Description - ZABDC20-252H

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-15-25 MINI-BDCA-15-25 Datasheet
117Kb / 1P
Bi-Directional Coupler
BDCN-14-22 MINI-BDCN-14-22 Datasheet
295Kb / 1P
Bi-Directional Coupler
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
SCBD-25-122HP MINI-SCBD-25-122HP Datasheet
392Kb / 3P
Bi-Directional Coupler
MBDC-13-63HP MINI-MBDC-13-63HP Datasheet
338Kb / 3P
Bi-Directional Coupler
SYBD-22-172HP MINI-SYBD-22-172HP Datasheet
288Kb / 1P
Bi-Directional Coupler
SYBD-23-13HP MINI-SYBD-23-13HP Datasheet
296Kb / 1P
Bi-Directional Coupler
SYBD-26-13HP MINI-SYBD-26-13HP Datasheet
288Kb / 1P
Bi-Directional Coupler
ZABDC10-25HP MINI-ZABDC10-25HP Datasheet
208Kb / 1P
Bi-Directional Coupler
ZABDC20-232H MINI-ZABDC20-232H Datasheet
216Kb / 3P
Bi-Directional Coupler
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com