Electronic Components Datasheet Search
  English  ▼

X  

HMC7149 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC7149
Description  10 WATT GaN MMIC POWER AMPLIFIER,
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC7149 Datasheet(HTML) 4 Page - Analog Devices

  HMC7149 Datasheet HTML 1Page - Analog Devices HMC7149 Datasheet HTML 2Page - Analog Devices HMC7149 Datasheet HTML 3Page - Analog Devices HMC7149 Datasheet HTML 4Page - Analog Devices HMC7149 Datasheet HTML 5Page - Analog Devices HMC7149 Datasheet HTML 6Page - Analog Devices HMC7149 Datasheet HTML 7Page - Analog Devices HMC7149 Datasheet HTML 8Page - Analog Devices HMC7149 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
HMC7149
10 WATT GaN MMIC POWER AMPLIFIER,
6 - 18 GHz
Power Gain vs. Frequency
Output IP3 vs. Temperature
Pout/tone = +28 dBm
Output IM3 @ Vdd= +24V
Output IP3 vs. Supply Voltage
Pout/tone = +28 dBm
Output IP3 vs. Supply Current
Pout/tone = +28 dBm
Output IM3 @ Vdd= +28V
0
5
10
15
20
25
30
6
8
10
12
14
16
18
P4dBm
Psat
FREQUENCY (GHz)
33
35
37
39
41
43
6
8
10
12
14
16
18
24V
28V
32V
FREQUENCY (GHz)
32
34
36
38
40
42
44
46
48
6
8
10
12
14
16
18
340 mA
680 mA
1360 mA
FREQUENCY (GHz)
10
20
30
40
50
20
22
24
26
28
30
32
6 GHz
8 GHz
10 GHz
12 GHz
14 GHz
16 GHz
18 GHz
Pout/tone(dBm)
10
20
30
40
50
20
22
24
26
28
30
32
6 GHz
8 GHz
10 GHz
12 GHz
14 GHz
16 GHz
18 GHz
Pout/TONE (dBm)
33
35
37
39
41
43
6
8
10
12
14
16
18
+25 C
+85 C
-40 C
FREQUENCY (GHz)
For price, delivery and to place orders: Analog Devices, Inc., 1 Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order On-line at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
v
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com