Electronic Components Datasheet Search
  English  ▼

X  

ISL5957IBZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL5957IBZ
Description  14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5957IBZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL5957IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL5957IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISL5957
FN6080 Rev 2.00
Page 3 of 14
September 29, 2015
Pin Descriptions
PIN NO.
PIN NAME
DESCRIPTION
1-14
D13 (MSB) Through
D0 (LSB)
Digital Data Bit 13, (Most Significant Bit) through Digital Data Bit 0, (Least Significant Bit).
15
SLEEP
Control Pin for Power-Down mode. Sleep Mode is active high; Connect to ground for Normal Mode. Sleep
pin has internal 20
A active pulldown current.
16
REFLO
Connect to analog ground to enable internal 1.2V reference or connect to AVDD to disable internal
reference.
17
REFIO
Reference voltage input if internal reference is disabled. Reference voltage output if internal reference is
enabled. Use 0.
F cap to ground when internal reference is enabled.
18
FSADJ
Full Scale Current Adjust. Use a resistor to ground to adjust full scale output current. Full Scale Output
Current = 32 x VFSADJ/RSET.
19, 25
NC
No Connect. These should be grounded, but can be left disconnected.
21
IOUTB
The complementary current output of the device. Full scale output current is achieved when all input bits
are set to binary 0.
22
IOUTA
Current output of the device. Full scale output current is achieved when all input bits are set to binary 1.
23
COMP
Connect 0.1
F capacitor to ACOM.
24
AVDD
Analog Supply (+2.7V to +3.6V).
20
ACOM
Connect to Analog Ground.
26
DCOM
Connect to Digital Ground.
27
DVDD
Digital Supply (+2.7V to +3.6V).
28
CLK
Clock Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com