Electronic Components Datasheet Search
  English  ▼

X  

STD2NK60Z Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NK60Z
Description  Zener-Protected SuperMESH MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NK60Z Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NK60Z Datasheet HTML 1Page - STMicroelectronics STD2NK60Z Datasheet HTML 2Page - STMicroelectronics STD2NK60Z Datasheet HTML 3Page - STMicroelectronics STD2NK60Z Datasheet HTML 4Page - STMicroelectronics STD2NK60Z Datasheet HTML 5Page - STMicroelectronics STD2NK60Z Datasheet HTML 6Page - STMicroelectronics STD2NK60Z Datasheet HTML 7Page - STMicroelectronics STD2NK60Z Datasheet HTML 8Page - STMicroelectronics STD2NK60Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
September 2005
STF2NK60Z - STQ2NK60ZR-AP
STP2NK60Z - STD2NK60Z-1
N-CHANNEL 600V - 7.2
Ω - 1.4A TO-220/TO-220FP/TO-92/IPAK
Zener-Protected SuperMESH™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 7.2 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
ESD IMPROVED CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt capability
for the most demanding applications. Such series
complements ST full range of high voltage MOS-
FETs including revolutionary MDmesh™ products.
APPLICATIONS
s
LOW POWER BATTERY CHARGERS
s
SWITH MODE LOW POWER
SUPPLIES(SMPS)
s
LOW POWER, BALLAST, CFL (COMPACT
FLUORESCENT LAMPS)
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STF2NK60Z
STQ2NK60ZR-AP
STP2NK60Z
STD2NK60Z-1
600 V
600 V
600 V
600 V
< 8
Ω
< 8
Ω
< 8
Ω
< 8
Ω
1.4 A
0.4 A
1.4 A
1.4 A
20
3 W
45 W
45 W
1
2
3
3
2
1
TO-92 (Ammopack)
TO-220
IPAK
1
2
3
TO-220FP
Part Number
Marking
Package
Packaging
STQ2NK60ZR-AP
Q2NK60ZR
TO-92
AMMOPAK
STP2NK60Z
P2NK60Z
TO-220
TUBE
STD2NK60Z-1
D2NK60Z
IPAK
TUBE
STF2NK60Z
F2NK60Z
TO-220FP
TUBE
Rev. 5


Similar Part No. - STD2NK60Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD2NK60Z VBSEMI-STD2NK60Z Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - STD2NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL5NK65Z STMICROELECTRONICS-STL5NK65Z Datasheet
119Kb / 6P
N-CHANNEL 650V - 1.5ohm - 4.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Apr-2002
STL6NK55Z STMICROELECTRONICS-STL6NK55Z Datasheet
215Kb / 8P
N-CHANNEL 550V - 1.2ohm- 5.2A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Jul-2002
STL9NK30Z STMICROELECTRONICS-STL9NK30Z Datasheet
225Kb / 8P
N-CHANNEL 300V - 0.36ohm - 9A PowerFLAT™ Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
STW18NK60Z STMICROELECTRONICS-STW18NK60Z Datasheet
206Kb / 9P
N-CHANNEL 600V - 0.27??- 16A TO-247 Zener-Protected SuperMESH??MOSFET
Apr-2004
STB12NK80Z-S STMICROELECTRONICS-STB12NK80Z-S Datasheet
212Kb / 9P
N-CHANNEL 800V - 0.65ohm - 10.5A I2SPAK Zener-Protected SuperMESH Power MOSFET
Feb-2004
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
20-Jan-2005
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
16-Oct-2006
STW54NK30Z STMICROELECTRONICS-STW54NK30Z Datasheet
267Kb / 10P
N-CHANNEL 300V - 0.052??- 54A TO-247 Zener-Protected SuperMESH??MOSFET
31-Jan-2005
STP6NK90Z STMICROELECTRONICS-STP6NK90Z Datasheet
483Kb / 12P
N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
Mar-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com