Electronic Components Datasheet Search
  English  ▼

X  

ISL6336DIRZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6336DIRZ
Description  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6336DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 7 of 30
Oct 6, 2014
ISL6336D Block Diagram
I_TRIP
OVP
DRIVE
Σ
POWER-ON
RESET (POR)
PWM1
PWM2
PWM3
PWM6
GND
VCC
FB
FS
S
CLOCK,
VID5
VID4
VID3
VID2
COMP
VSEN
GENERATOR,
RAMP
ISEN3-
ISEN4+
VID1
RGND
VDIFF
VR_RDY
OVP
EN_PWR
0.875V
I_TOT
DYNAMIC
VID
DAC
TEMPERATURE
CHANNEL
DETECT
OFS
TRI-STATE
ISEN1+
ISEN2-
CHANNEL
CURRENT
SENSE
OVP
VID0
SOFT-START
AND
FAULT LOGIC
OFFSET
REF
+175mV
R
x1
E/A
OC1
Q
EN_VTT
DAC
ISEN4-
ISEN3+
ISEN2+
ISEN1-
IMON
0.875V
VID6
VID7
PWM4
PWM5
ISEN5+
ISEN5-
ISEN6+
ISEN6-
TEMPERATURE
COMPENSATION
TCOMP
TM
VR_HOT
VR_FAN
THERMAL
MONITORING
SS
1.11V
OC2
1
N
GAIN
COMPENSATION
APP AND APA
CHANNEL CURRENT
BALANCE AND
CURRENT LIMIT
MODULATOR
APP AND APA
MODULATOR
APP AND APA
MODULATOR
APP AND APA
MODULATOR
APP AND APA
MODULATOR
APP AND APA
MODULATOR
PSI#
APA
1.11V
APA CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com