Electronic Components Datasheet Search
  English  ▼

X  

VPR Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # VPR
Description  Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

VPR Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  VPR Datasheet HTML 1Page - Cornell Dubilier Electronics VPR Datasheet HTML 2Page - Cornell Dubilier Electronics VPR Datasheet HTML 3Page - Cornell Dubilier Electronics VPR Datasheet HTML 4Page - Cornell Dubilier Electronics VPR Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Type VPR –55 to 105 ºC Radial Leaded Aluminum Electrolytic
Low ESR, Optional 3rd Lead Case Styles, Aluminum Electrolytic Capacitors
Type VPR is a radial leaded aluminum electrolytic capacitor with
a 105 ºC, 2000 hours long life ratings. The VPR has 3 optional case
styles with a third lead. The low ESR rating makes it ideal for output
filtering in switching power supplies.
Highlights
- 105 ºC
- Long life
- Low ESR
- High reliability
Specifications
Temperature Range
–55 ºC to +105 ºC
Rated Voltage Range
6.3 to 100 Vdc (250 Vdc on special request)
Capacitance Range
250 to 12,000 µF
Capacitance Tolerance
–10% +75% (others on special request)
Leakage Current
I = .002 CV after 2 minutes @ 25 ºC
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
Ripple Current Multipliers
QA Stability Test
Apply WVDC for 2000 h at 105 ºC
Capacitance change within 15% of initial limits
DC leakage current meets initial limits
ESR ≤ 150% of initial measured value
RoHS Compliant
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Temperature (ºC)
45
55
65
75
85
95
Multiplier
1.66
1.52
1.37
1.2
1
0.75
VPR
372
U
016
L2C
3
A
Capacitance
Rated
Insulating
Lead
Type
Capacitance
Tolerance
Voltage
Case Code
Sleeve
Configuration
(µF)
(%)
(Vdc)
VPR
100 = 10
U = –10 +75
6R3 = 6.3
See Case
0 = No sleeve
A = Standard
101 = 100
T = –10 +50
016 = 16
Code Chart
3 = PVC
B, J or T – see
372 = 3700
100 = 100
4 = Plastic sleeve
outline dimensions
5 = Plastic sleeve with end seal
Part Numbering System


Similar Part No. - VPR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR103U016N3L ETC2-VPR103U016N3L Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR103U016N3L CDE-VPR103U016N3L Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR111U050E1A ETC2-VPR111U050E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR111U050E1A CDE-VPR111U050E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
List of Unclassifed Man...
VPR112U075N3C ETC2-VPR112U075N3C Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
More results

Similar Description - VPR

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CGO183M005L CDE-CGO183M005L Datasheet
211Kb / 2P
Ultra Low ESR Screw Terminal Aluminum Electrolytic Extremely Low ESR, Low Voltage, Screw Terminal Capacitors
logo
RFE international
RXB RFE-RXB Datasheet
82Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXB Series: Low ESR, High Temperature
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
RXW102M1CBK100200 RFE-RXW102M1CBK100200 Datasheet
159Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXW Series: Low ESR Type
RXZ RFE-RXZ Datasheet
91Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXZ Series: Low ESR Type
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
Illinois Capacitor, Inc...
MDCL ILLINOISCAPACITOR-MDCL Datasheet
195Kb / 4P
Male/female lead styles - High voltage/current ??Low ESR
logo
RUBYCON CORPORATION
25PX100MEFC5X11 RUBYCON-25PX100MEFC5X11 Datasheet
172Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
25YXJ100M5X11 RUBYCON-25YXJ100M5X11 Datasheet
174Kb / 2P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
logo
Cornell Dubilier Electr...
SXR CDE-SXR Datasheet
127Kb / 6P
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com