Electronic Components Datasheet Search
  English  ▼

X  

MLS Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # MLS
Description  Now Available with High Vibration and High Reliability Options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

MLS Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  MLS Datasheet HTML 1Page - Cornell Dubilier Electronics MLS Datasheet HTML 2Page - Cornell Dubilier Electronics MLS Datasheet HTML 3Page - Cornell Dubilier Electronics MLS Datasheet HTML 4Page - Cornell Dubilier Electronics MLS Datasheet HTML 5Page - Cornell Dubilier Electronics MLS Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Temperature Range
–55 °C to +125 °C
Rated Voltage Range
5.0 Vdc to 250 Vdc
Capacitance Range
220 µF to 47,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 0.002 CV µA, @ 25 °C and 5 mins.
Ripple Current Multipliers
Low Temperature Characteristics
Impedance ratio: Z
–55 ⁰C ∕ Z+25 ⁰C
≤ 10 (5 - 20 Vdc)
≤ 2 (25 - 250 Vdc)
Endurance Life Test
10,000 h @ full load at 85 °C
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
DC Life Test
2000 h at rated voltage &125 °C
∆ Capacitance ±10%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
500 h at 125 °C
Capacitance 100% of limit
ESR 100% of limit
DCL 100% of limit
Vibration
Mounting: Vibration capability is dependent upon mounting restraint. The
optional welded mounting tabs, alone, are not capable of sustaining the high
vibration levels.
To achieve the high vibration levels as published on right, additional mounting
restraint is required.
Standard MLS Flatpack: 10g
10 Hz to 2 kHz Sine Swept, 0.06” pp max and 10g.
Type HVMLS Flatpack 1.5” and 2.0” case length, 50g
Type HVMLS Flatpack 2.5” and 3.0” case length, 30g
MIL-STD-202, Meth. 204, Sine Swept, IEC 60068-2-6
Encased in rugged stainless steel, the MLS is perfect for high reliability
military systems and applications operating above 85 °C. For our
highest performing 125 °C Flatpacks, choose type HVMLS available in
a special stainless steel case for high vibration applications up to 50g.
Specify type HRMLS for high reliability Flatpacks which are subjected
to MIL level burn-in processes to ensure established reliability.
Highlights
- Near-hermetic welded seal
- Stainless-steel case
- 100 years expected operating life
- Withstands more than 80,000 feet altitude
- Type HV up to 50g
- Type HR, High Reliability
Specifications
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Type MLS 125 °C Flatpack, Ultra Long Life, Aluminum Electrolytic
Now Available with High Vibration and High Reliability Options
Case Temperature
Ambient Temperature, No Heatsink
45 °C
55 °C
65 °C
75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
0.63
0.58
0.54
0.49
0.44
0.38
0.31
0.22
0.00
45 °C 55 °C 65 °C 75 °C 85 °C 95 °C 105 °C 115 °C 125 °C
1.41
1.32
1.22
1.12
1.00
0.87
0.71
0.50
0.00
Frequency
50 Hz 60 Hz 120 Hz 360 Hz 1 kHz 5 kHz
10 kHz &
up
5 to 40 V
0.95
0.96
1.00
1.03
1.04
1.04
1.04
60 to 250 V 0.80
0.84
1.00
1.18
1.25
1.30
1.30


Similar Part No. - MLS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS CDE-MLS Datasheet
301Kb / 6P
Now Available with High Vibration and High Reliability Options
logo
M-System Co.,Ltd.
MLS MSYSTEM-MLS Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
logo
Ferroxcube Internationa...
MLS FERROXCUBE-MLS Datasheet
168Kb / 13P
Multilayer suppressors EMI-suppression products
2004 Sep 01
logo
M-System Co.,Ltd.
MLS-00-B MSYSTEM-MLS-00-B Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
MLS-00-B/E MSYSTEM-MLS-00-B/E Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MLS

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
M4517 PETERMANN-M4517 Datasheet
139Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
M4518 PETERMANN-M4518 Datasheet
134Kb / 3P
HIGH RELIABILITY FOR LOW COST AVAILABLE AS TCXO AND VCTCXO
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
High shock and vibration resistance
CX3HGSMAT EUROQUARTZ-CX3HGSMAT Datasheet
124Kb / 1P
Very high shock and vibration survival
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_12 Datasheet
177Kb / 1P
High stability and high reliability 2.7 to 5.5V drive available
logo
Cornell Dubilier Electr...
MLS CDE-MLS Datasheet
301Kb / 6P
Now Available with High Vibration and High Reliability Options
MLSG CDE-MLSG Datasheet
355Kb / 6P
Available with High Vibration and High Reliability Options
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
High reliability and available for a wide temperature range
logo
Cornell Dubilier Electr...
MLSG CDE-MLSG_18 Datasheet
421Kb / 6P
Available with High Vibration and High Reliability Options
logo
Linx Technologies
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
Custom options available for high volume orders
12/14/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com