Electronic Components Datasheet Search
  English  ▼

X  

SS010M050ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SS010M050ST
Description  Radial Leaded, General Purpose Aluminum Electrolytic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SS010M050ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SS010M050ST Datasheet HTML 1Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 2Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 3Page - Cornell Dubilier Electronics SS010M050ST Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SS 85 ºC Sub-Miniature Aluminum Electrolytic Capacitors
Part Numbering System
SS
100
M
63
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SS
1R0 = 1
M = ±20
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
063 = 63 E = Different Characteristic
2 = Lead form
101 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Ratings
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
+25 ºC
+85 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
22
SS220M6R3ST
14.48
34
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
33
SS330M6R3ST
9.65
42
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M6R3ST
6.78
50
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
100
SS101M6R3ST
3.18
77
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
10 Vdc (13 Volts Surge)
22
SS220M010ST
12.06
38
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
33
SS330M010ST
8.04
47
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M010ST
5.65
59
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
100
SS101M010ST
2.65
80
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
16 Vdc (20 Volts Surge)
10
SS100M016ST
22.56
29
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
22
SS220M016ST
10.25
44
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
33
SS330M016ST
6.84
57
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
47
SS470M016ST
4.80
68
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)
25 Vdc (32 Volts Surge)
4.7
SS4R7M025ST
42.35
24
.157 (4.0) .276 (7.0)
.059 (1.5)
.0180 (0.45)
10
SS100M025ST
19.9
33
.197 (5.0) .276 (7.0)
.079 (2.0)
.0197 (0.50)
22
SS220M025ST
9.05
51
.236 (6.0) .276 (7.0)
.098 (2.5)
.0197 (0.50)
33
SS330M025ST
6.03
63
.236 (6.0) .276 (7.0)
.098 (2.5)
.0197 (0.50)
47
SS470M025ST
4.23
71
.248 (6.3) .276 (7.0)
.098 (2.5)
.0197 (0.50)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com