Electronic Components Datasheet Search
  English  ▼

X  

TLP4197G Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP4197G
Description  TOSHIBA PHOTOCOUPLER PHOTORELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP4197G Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP4197G Datasheet HTML 1Page - Toshiba Semiconductor TLP4197G Datasheet HTML 2Page - Toshiba Semiconductor TLP4197G Datasheet HTML 3Page - Toshiba Semiconductor TLP4197G Datasheet HTML 4Page - Toshiba Semiconductor TLP4197G Datasheet HTML 5Page - Toshiba Semiconductor TLP4197G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP4197G
2002-04-18
3
Individual Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
¾
¾
10
mA
Capacitance
CT
V
= 0, f = 1 MHz
¾
30
¾
pF
Off-state current
IOFF
VOFF = 350 V, IF = 5 mA
¾
¾
1
mA
Capacitance
COFF
V
= 0, f = 1 MHz, IF = 5 mA
¾
¾
pF
Coupled Electrical Characteristics (Ta
==== 25°C)
項目
記号
測定条 件
最小
標準
最大
単位
Trigger LED current
IFC
IOFF = 10 mA
¾
1
3
mA
Return LED current
IFT
ION = 120 mA
0.1
¾
¾
mA
A connection
ION = 120 mA
¾
15
25
B connection
ION = 120 mA
¾
8
14
On-state resistance
C connection
RON
ION = 240 mA
¾
4
¾
W
Isolation Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Capacitance input to output
CS
VS = 0, f = 1 MHz
¾
0.8
¾
pF
Isolation resistance
RS
VS = 500 V, R.H. <= 60%
5
´ 10
10
10
14
¾
W
AC, 1 min
1500
¾
¾
AC, 1 s, in oil
¾
3000
¾
Vrms
Isolation voltage
BVS
DC, 1 min, in oil
¾
3000
¾
Vdc
Switching Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Turn-on time
tON
¾
¾
1
ms
Turn-off time
tOFF
RL = 200 W
(Note 2)
VDD = 20 V, IF = 5 mA
¾
¾
3
ms
Note 2: Switching time test circuit
6
tOFF
tON
10%
90%
VOUT
IF
1
VDD
VOUT
RL
4
2
IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com