Electronic Components Datasheet Search
  English  ▼

X  

C10386 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10386
Description  ~20째 medium beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10386 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10386 Datasheet HTML 1Page - Ledil, Inc. C10386 Datasheet HTML 2Page - Ledil, Inc. C10386 Datasheet HTML 3Page - Ledil, Inc. C10386 Datasheet HTML 4Page - Ledil, Inc. C10386 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C10386_NIS83-MX-4-M
NIS83-MX-4-M
~20° medium beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
15.2 mm
Fastening
glue, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
0 kg
Quantity in Box
364 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
NIS83-MX-4-M
Lens array
PMMA
clear
Last update: 21/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10386

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C10385 LEDIL-C10385 Datasheet
2Mb / 5P
~15째 smooth spot beam
C10387 LEDIL-C10387 Datasheet
1Mb / 4P
~50째 wide beam
More results

Similar Description - C10386

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12622 LEDIL-C12622 Datasheet
2Mb / 4P
~20째 medium beam
C10436 LEDIL-C10436 Datasheet
1Mb / 4P
~20째 medium beam
C11943 LEDIL-C11943 Datasheet
5Mb / 4P
~20째 medium round beam
C10373 LEDIL-C10373 Datasheet
2Mb / 4P
~20째 medium beam
C10633 LEDIL-C10633 Datasheet
2Mb / 4P
~20째 medium beam
F16885 LEDIL-F16885 Datasheet
2Mb / 4P
~20째 medium beam
CA12064 LEDIL-CA12064 Datasheet
6Mb / 9P
~20째 medium beam
C12286 LEDIL-C12286 Datasheet
2Mb / 6P
~20째 medium beam
FP10995 LEDIL-FP10995 Datasheet
3Mb / 8P
~20째 medium beam.
C11520 LEDIL-C11520 Datasheet
1Mb / 5P
~20째 medium beam
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com