Electronic Components Datasheet Search
  English  ▼

X  

0430452425 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0430452425
Description  Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits, with PCB Press-fit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0430452425 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0430452425 Datasheet HTML 1Page - Molex Electronics Ltd. 0430452425 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/25/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0430452425
Status:
Active
Overview:
Micro-Fit 3.0 Connector System Product Family
Description:
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits, with PCB Press-fit
Metal Retention Clip, Gold, Glow Wire Capable, Black
Documents:
3D Model
Product Specification TS-46235-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-70873-0314-001 (PDF)
Product Specification PS-43045 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification TS-43045-001-001 (PDF)
Product Literature (PDF)
Product Specification TS-43045-002-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
43045
Application
Power, Wire-to-Board
Comments
"""""""High Temperature|Square Pin|Offset Through
Hole Mounting|Solder Type<P><P>This Molex
product is manufactured from material that has the
following ratings, tested by independent agencies:.
a) A Glow Wire Ignition Temperature (GWIT) of at
least 775 deg C per IEC 60695-2-13.. b) A Glow
Wire Flammability Index (GWFI) above 850 deg C
per IEC 60695-2-12.and hence complies with the
requirements set out in the International Standard IEC
60335-1 5th edition - household and similar electrical
appliances - safety, section 30 Resistance to heat
and fire. <P><P> The customers using this product
must determine its suitability for use in their particular
application through testing or other acceptable means
as described in end-product glow-wire flammability test
standard IEC 60695-2-11 and any applicable product
end-use standard(s). <P> If it is determined during
the customer’s evaluation of suitability, that higher
performance is required, please contact Molex for
possible product options."""""""
Overview
Micro-Fit 3.0 Connector System Product Family
Product Literature Order No
987650-5984
Product Name
Micro-Fit 3.0
UPC
800753843486
Physical
Breakaway
No
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
30
Flammability
94V-0
Glow-Wire Capable
Yes
Mated Height
17.64mm
Material - Metal
Brass
Material - Plating Mating
Gold
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2018 (15
January 2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
43045 Series
Mates With
Micro-Fit 3.0 Receptacle Housing 43025
<br>Micro-Fit 3.0 TPA Receptacle Housing
172952


Similar Part No. - 0430452425

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430452425 MOLEX5-0430452425 Datasheet
194Kb / 3P
3.00mm (.118") Pitch Micro-Fit 3.0??Header, Surface Mount Compatible, Dual Row, Vertical, with Press-fit Metal Retention Clip, 24 Circuits
More results

Similar Description - 0430452425

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430450625 MOLEX1-0430450625_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 6 Circuits, with PCB Press-fit
0430450626 MOLEX1-0430450626_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 6 Circuits, with PCB Press-fit
0430450824 MOLEX1-0430450824_18 Datasheet
37Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 8 Circuits, with PCB Press-fit
0430450825 MOLEX1-0430450825_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 8 Circuits, with PCB Press-fit
0430450826 MOLEX1-0430450826_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 8 Circuits, with PCB Press-fit
0430452412 MOLEX1-0430452412_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits
0430452414 MOLEX1-0430452414_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits
0430452417 MOLEX1-0430452417_18 Datasheet
37Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits
0430452424 MOLEX1-0430452424_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits
0430452426 MOLEX1-0430452426_18 Datasheet
36Kb / 2P
Micro-Fit 3.0 Vertical Header, 3.00mm Pitch, Dual Row, 24 Circuits, with PCB Press-fit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com