Electronic Components Datasheet Search
  English  ▼

X  

TPS25221DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25221DBVT
Description  2.5-V to 5.5-V, 2-A Continuous Current Limited Switch
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25221DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS25221DBVT Datasheet HTML 3Page - Texas Instruments TPS25221DBVT Datasheet HTML 4Page - Texas Instruments TPS25221DBVT Datasheet HTML 5Page - Texas Instruments TPS25221DBVT Datasheet HTML 6Page - Texas Instruments TPS25221DBVT Datasheet HTML 7Page - Texas Instruments TPS25221DBVT Datasheet HTML 8Page - Texas Instruments TPS25221DBVT Datasheet HTML 9Page - Texas Instruments TPS25221DBVT Datasheet HTML 10Page - Texas Instruments TPS25221DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TPS25221
www.ti.com
SLVSDT3A – JANUARY 2018 – REVISED MAY 2018
Product Folder Links: TPS25221
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.6 Typical Characteristics
See Figure 21 for reference schematic
VIN = 5 V, RILIM = 20 kΩ, ROUT = 5 Ω
Figure 5. Turnon Delay and Rise Time
VIN = 5 V, RILIM = 20 kΩ, ROUT = 5 Ω
Figure 6. Turnoff Delay and Fall Time
VIN = 5 V, RILIM = 20 kΩ, ROUT = 0 Ω
Figure 7. Device Enabled into Short-Circuit
VIN = 5 V, RILIM = 20 kΩ
Figure 8. Full-Load to Short-Circuit Transient Response
VIN = 5 V, RILIM = 20 kΩ
Figure 9. Short-Circuit to Full-Load Recovery Response
VIN = 5 V, RILIM = 20 kΩ
Figure 10. No-Load to Short-Circuit Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com