Electronic Components Datasheet Search
  English  ▼

X  

ISL6530CBZ Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ISL6530CBZ
Description  Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6530CBZ Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL6530CBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 17Page - Renesas Technology Corp ISL6530CBZ Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
ISL6530
FN9052 Rev 2.00
Page 14 of 18
Nov 15, 2004
Ensure that both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating the
temperature rise according to package thermal-resistance
specifications. A separate heatsink may be necessary
depending upon MOSFET power, package type, ambient
temperature and air flow.
Given the reduced available gate bias voltage (5V), logic-
level or sub-logic-level transistors should be used for both N-
MOSFETs. Caution should be exercised when using devices
with very low gate thresholds (VTH). The shoot-through
protection circuitry may be circumvented by these
MOSFETs. Very high dv/dt transitions on the phase node
may cause the Miller capacitance to couple the lower gate
with the phase node and cause an undesireable turn on of
the lower MOSFET while the upper MOSFET is on.
Bootstrap Component Selection
External bootstrap components, a diode and capacitor, are
required to provide sufficient gate enhancement to the upper
MOSFET. The internal MOSFET gate driver is supplied by
the external bootstrap circuitry as shown in Figure 10. The
boot capacitor, CBOOT, develops a floating supply voltage
referenced to the PHASE pin. This supply is refreshed each
cycle, when DBOOT conducts, to a voltage of VCC less the
boot diode drop, VD, plus the voltage rise across QLOWER.
Just after the PWM switching cycle begins and the charge
transfer from the bootstrap capacitor to the gate capacitance
is complete, the voltage on the bootstrap capacitor is at its
lowest point during the switching cycle. The charge lost on
the bootstrap capacitor will be equal to the charge
transferred to the equivalent gate-source capacitance of the
upper MOSFET as shown:
where QGATE is the maximum total gate charge of the upper
MOSFET, CBOOT is the bootstrap capacitance, VBOOT1 is
the bootstrap voltage immediately before turn-on, and
VBOOT2 is the bootstrap voltage immediately after turn-on.
The bootstrap capacitor begins its refresh cycle when the
gate drive begins to turn-off the upper MOSFET. A refresh
cycle ends when the upper MOSFET is turned on again,
which varies depending on the switching frequency and
duty cycle.
The minimum bootstrap capacitance can be calculated by
rearranging the previous equation and solving for CBOOT.
Typical gate charge values for MOSFETs considered in
these types of applications range from 20 to 100nC. Since
the voltage drop across QLOWER is negligible, VBOOT1 is
simply VCC - VD. A Schottky diode is recommended to
minimize the voltage drop across the bootstrap capacitor
during the on-time of the upper MOSFET. Initial calculations
with VBOOT2 no less than 4V will quickly help narrow the
bootstrap capacitor range.
For example, consider an upper MOSFET is chosen with a
maximum gate charge, Qg, of 100nC. Limiting the voltage
drop across the bootstrap capacitor to 1V results in a value
of no less than 0.1
F. The tolerance of the ceramic capacitor
should also be considered when selecting the final bootstrap
capacitance value.
A fast recovery diode is recommended when selecting a
bootstrap diode to reduce the impact of reverse recovery
charge loss. Otherwise, the recovery charge, QRR, would
have to be added to the gate charge of the MOSFET and
taken into consideration when calculating the minimum
bootstrap capacitance.
ISL6530
GND
LGATEn
UGATEn
PHASEn
BOOTn
VIN
NOTE:
NOTE:
VG-S ª VCC
CBOOT
DBOOT
QUPPER
QLOWER
+
-
FIGURE 10. UPPER GATE DRIVE BOOTSTRAP
VG-S ª VCC -VD
+
VD
-
VCC
QGATE
CBOOT VBOOT1 VBOOT2
–

=
CBOOT
QGATE
VBOOT1 V
–
BOOT2
-----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com