Electronic Components Datasheet Search
  English  ▼

X  

2SC1030 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC1030
Description  SILICON NPN TRASISTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC1030 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC1030 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC1030
Silicon NPN Transistors
1B
2E
3C
Features
With TO-3 package
Low frequency power amplifications
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
150
V
VCEO
Collector to emitter voltage
80
V
VEBO
Emitter to base voltage
6
V
IC
Collector current-Continuous
6
A
PD
Total Power Dissipation@TC=25
50
W
Tj
Junction temperature
200
Tstg
Storage temperature
-55~200
TO-3
Electrical Characteristics Tc=25
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO
Collector-Emitter Sustaining Voltage
IC=0.2A; IB=0
80
V
VCER
Collector-Emitter Sustaining Voltage
ICEO
Collector Cutoff Current
VCE=30V; IB=0
2.0
mA
IEBO
Emitter Cutoff Current
VEB=6V; IC=0
1.0
mA
ICBO
Collector Cutoff Current
VCB=30V; IE=0
1.0
mA
VEBO
Base-emitter breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=5.0A; IB=1.0A
1.5
V
VCE(sat-2)
Collector-emitter saturation voltages
VCE(sat-3)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=1A; VCE=5V
35
200
hFE-2
Forward current transfer ratio
IC=5A; VCE=5V
22
hFE-3
Forward current transfer ratio
VBE(on)
Base-emitter On voltages
fT
Current Gain-Bandwidth Product
IC=1A; VCE=5V
10
MHz
hfe
Small-Signal Current Gain
JMnic


Similar Part No. - 2SC1030

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC1030 ISC-2SC1030 Datasheet
135Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC1030 SAVANTIC-2SC1030 Datasheet
161Kb / 3P
Silicon NPN Power Transistors
2SC1030 SAVANTIC-2SC1030 Datasheet
163Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SC1030

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE280 NTE-NTE280 Datasheet
22Kb / 2P
Silicon Complementary Trasistors Audio Power Amplifier
logo
List of Unclassifed Man...
2N3053 ETC-2N3053 Datasheet
143Kb / 4P
GENERAL PURPOSE MEDIUM POWER SILICON NPN PLANAR TRASISTORS
logo
Leshan Radio Company
MMBT3904 LRC-MMBT3904 Datasheet
265Kb / 6P
NPN SILICON
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
NPN Silicon NPN Silicon
logo
New Jersey Semi-Conduct...
2SC458 NJSEMI-2SC458 Datasheet
98Kb / 1P
SILICON NPN
logo
Guilin Strong Micro-Ele...
GMM28S GSME-GMM28S_15 Datasheet
222Kb / 2P
NPN silicon
logo
Central Semiconductor C...
MJ2500 CENTRAL-MJ2500 Datasheet
41Kb / 1P
Silicon complementary trasistors power darlington
logo
SHIKUES Electronics
MMBT3904 SKTECHNOLGY-MMBT3904 Datasheet
1Mb / 5P
NPN Silicon
MMBT3906 SKTECHNOLGY-MMBT3906 Datasheet
1Mb / 6P
NPN Silicon
logo
List of Unclassifed Man...
D600K ETC-D600K Datasheet
165Kb / 1P
NPN silicon
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com