Electronic Components Datasheet Search
  English  ▼

X  

2SC2334 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SC2334
Description  Silicon NPN Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SC2334 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SC2334 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Transistors
www.jmnic.com
2SC2334
Silicon NPN Transistors
Features
B C E
﹒With TO-220 package
﹒Complement to type 2SA1010
﹒For high speed switching industrial use
Absolute Maximum Ratings Tc=25
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to base voltage
150
V
VCEO
Collector to emitter voltage
100
V
VEBO
Emitter to base voltage
7
V
ICP
Peak collector current
15
A
IC
Collector current
7
A
PC
Collector power dissipation
40
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
TO-220
Electrical Characteristics Tc=25
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ICBO
Collector-base cut-off current
VCB=100V; IE=0
10
A
IEBO
Emitter-base cut-off current
VEB=5V; IC=0
10
A
ICEO
Collector-emitter cut-off current
VCBO
Collector-base breakdown voltage
V(BR)ceo
Collector-emitter breakdown voltage
IC=200mA; IB=0
100
V
VEBO
Emitter-base breakdown voltage
VCE(sat-1)
Collector-emitter saturation voltages
IC=5A; IB=0.5A
0.6
V
VCE(sat-2)
Collector-emitter saturation voltages
hFE-1
Forward current transfer ratio
IC=3A; VCE=5V
40
240
hFE-2
Forward current transfer ratio
IC=0.5A; VCE=5V
40
hFE-3
Forward current transfer ratio
IC=5A; VCE=5V
20
VBE(sat)1
Base-emitter saturation voltages
IC=5A; IB=0.5A
1.5
V
ton
Turn-on time
0.5
s
tstg
Storage time
0.5
s
tf
Fall time
VCC=50V IC=5A
IB1=-IB2=0.5A
RL=50
1.5
s
hFE-2 classification
R
O
Y
40-80
70-140
120-240
JMnic


Similar Part No. - 2SC2334

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2334 NEC-2SC2334 Datasheet
116Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Savantic, Inc.
2SC2334 SAVANTIC-2SC2334 Datasheet
139Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2334 JMNIC-2SC2334 Datasheet
108Kb / 4P
Silicon NPN Power Transistors
logo
Renesas Technology Corp
2SC2334 RENESAS-2SC2334 Datasheet
239Kb / 8P
SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SC2334 ISC-2SC2334 Datasheet
171Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC2334

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
SILICON NPN TRANSISTORS
July 1997
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
NPN SILICON TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
NPN SILICON TRANSISTORS
Sep-2001
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_06 Datasheet
113Kb / 3P
NPN Silicon Transistors
March, 2006 ??Rev. 11
logo
Guangdong Kexin Industr...
2SC4942 KEXIN-2SC4942 Datasheet
50Kb / 1P
NPN Silicon Transistors
logo
New Jersey Semi-Conduct...
2N4863 NJSEMI-2N4863 Datasheet
538Kb / 1P
SILICON NPN TRANSISTORS
logo
Continental Device Indi...
2N6430 CDIL-2N6430 Datasheet
262Kb / 4P
NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
S9013-G-AP MCC-S9013-G-AP Datasheet
248Kb / 2P
NPN Silicon Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com