Electronic Components Datasheet Search
  English  ▼

X  

2STB121PM Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 2STB121PM
Description  DRIVE IC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2STB121PM Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 2STB121PM Datasheet HTML 8Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 9Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 10Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 11Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 12Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 13Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 14Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 15Page - List of Unclassifed Manufacturers 2STB121PM Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
SJI-M030227A
12
Fig.14 SL1端子L電圧
VSLL1
VOSC=3Vとしたときの
VSL1 を測定する。
Fig.15 SL2端子L電圧
VSLL2
VOSC=0Vとしたときの
VSL2 を測定する。
12V
12V
VCC
VM
VOSC
0.5Ω
SL1
RS
SL2
V
VCC
TEST
OSC
FR
FG
N.C.
VCRL
CS
GND
NF
VM
W
1
20
2
3
4
5
6
7
10
19
18
17
16
15
14
13
N.C.
SL2
SL1
RS
N.C.
9
U
8
N.C.
12
11
V
0.1u
0.1u
VSL1
V
0.027u
VOSC
12V
12V
VCC
VM
0.5Ω
SL1
RS
SL2
V
VCC
TEST
OSC
FR
FG
N.C.
VCRL
CS
GND
NF
VM
W
1
20
2
3
4
5
6
7
10
19
18
17
16
15
14
13
N.C.
SL2
SL1
RS
N.C.
9
U
8
N.C.
12
11
V
0.1u
0.1u
VSL2
0.027u



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com