Electronic Components Datasheet Search
  English  ▼

X  

CA12505 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA12505
Description  ~60째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12505 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA12505 Datasheet HTML 1Page - Ledil, Inc. CA12505 Datasheet HTML 2Page - Ledil, Inc. CA12505 Datasheet HTML 3Page - Ledil, Inc. CA12505 Datasheet HTML 4Page - Ledil, Inc. CA12505 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA12505_MIRA-WW
MIRA-WW
~60° wide beam optimized for CREE MT-G.
Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 35 mm
Height
15.8 mm
Fastening
tape
Colour
white
Box size
480 x 280 x 300 mm
Box weight
10.3 kg
Quantity in Box
840 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
MIRA-WW
Lens
PC
clear
MINNIE-HLD-2-WHT
Holder
PC
white
SPUTNIK-TAPE
Tape
PU tape
black
Last update: 14/06/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12505

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12505-MIRA-WW CREE-CA12505-MIRA-WW Datasheet
1,007Kb / 13P
Mira series
More results

Similar Description - CA12505

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12403 LEDIL-CA12403_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10901 LEDIL-FA10901_18 Datasheet
2Mb / 4P
~60째 wide beam optimized for Nichia NS6x83. Assembly with holder and installation tape.
FA11019 LEDIL-FA11019_18 Datasheet
2Mb / 5P
~60째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
~60째 wide beam. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11870 LEDIL-FA11870_18 Datasheet
3Mb / 7P
~60째 40째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12503 LEDIL-CA12503 Datasheet
2Mb / 5P
~30째 medium beam optimized for CREE MT-G. Assembly with holder and installation tape.
CA12504 LEDIL-CA12504 Datasheet
3Mb / 5P
~40째 wide beam optimized for CREE MT-G. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com