Electronic Components Datasheet Search
  English  ▼

X  

DRSCN Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DRSCN
Description  DIN Rail Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DRSCN Datasheet(HTML) 1 Page - Crydom Inc.,

  DRSCN Datasheet HTML 1Page - Crydom Inc., DRSCN Datasheet HTML 2Page - Crydom Inc., DRSCN Datasheet HTML 3Page - Crydom Inc., DRSCN Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DRSCN Series
• 6.2mm Din Rail (35mm) Mount Socket
• LED input status indicator
• Compatible with CN Series SSR
• UL & cUL recognized
• CE & RoHS Compliant
PRODUCT SELECTION
Control Voltage
4-30 VDC
3-12 VDC
15-30 VDC
Part Number
DRSCN30
DRSCN05
DRSCN24
RELAY/SOCKET COMPATIBILITY
Relay Part Number
CN024D05
CN024D24
CN048D05
DRSCN30
DRSCN05
DRSCN24
CN048D24
CN240A05
CN240A24
(1) (2)
(1)
Installing a CN Series relay in a socket that does not have matching input/output specs may result in non-operation or damage to either the raly, socket or both.
(2)
Maximum output rating for DRSCN socket is 250 V, 6 A regardless of chosen SSR.
GENERAL NOTES
MECHANICAL SPECIFICATIONS / WIRING DIAGRAMS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
•
•
•
•
•
•
•
•
•
•
•
•
DRSCN30
LOAD
LOAD
A
B
SUPPLY
CONTROL
3.80
[96.6]
0.24
[6.1]
3.11
[79.0]
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
DataSheet
DIN Rail Mount


Similar Part No. - DRSCN

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
DRSCN SENSATA-DRSCN Datasheet
338Kb / 4P
DIN RAIL MOUNTABLE SOCKETS
logo
Crydom Inc.,
DRSCN05 CRYDOM-DRSCN05 Datasheet
754Kb / 4P
DIN rail mount
DRSCN24 CRYDOM-DRSCN24 Datasheet
754Kb / 4P
DIN rail mount
More results

Similar Description - DRSCN

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CKM CRYDOM-CKM Datasheet
545Kb / 4P
DIN Rail Mount
CKR48 CRYDOM-CKR48 Datasheet
1Mb / 5P
DIN Rail Mount
CMR24 CRYDOM-CMR24 Datasheet
1Mb / 5P
DIN Rail Mount
CTRD6025 CRYDOM-CTRD6025 Datasheet
711Kb / 5P
DIN RAIL MOUNT
CKRD4810 CRYDOM-CKRD4810_11 Datasheet
749Kb / 5P
DIN rail mount
CMRD2435 CRYDOM-CMRD2435_11 Datasheet
654Kb / 5P
DIN rail mount
CMRD6035 CRYDOM-CMRD6035_11 Datasheet
656Kb / 5P
DIN rail mount
DR24D06 CRYDOM-DR24D06_13 Datasheet
770Kb / 7P
DIN rail mount
DRA3P48D2 CRYDOM-DRA3P48D2 Datasheet
976Kb / 5P
DIN rail mount
CKR24 CRYDOM-CKR24_17 Datasheet
586Kb / 5P
DIN Rail Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com