Electronic Components Datasheet Search
  English  ▼

X  

CA16127 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA16127
Description  ~11째 spot beam beam. Assembly with holder and installation tape.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA16127 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA16127 Datasheet HTML 1Page - Ledil, Inc. CA16127 Datasheet HTML 2Page - Ledil, Inc. CA16127 Datasheet HTML 3Page - Ledil, Inc. CA16127 Datasheet HTML 4Page - Ledil, Inc. CA16127 Datasheet HTML 5Page - Ledil, Inc. CA16127 Datasheet HTML 6Page - Ledil, Inc. CA16127 Datasheet HTML 7Page - Ledil, Inc. CA16127 Datasheet HTML 8Page - Ledil, Inc. CA16127 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
CA16127_OLGA-S
OLGA-S
~11° spot beam beam. Assembly with holder
and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 32 mm
Height
19.1 mm
Fastening
tape, pin
Colour
black
Box size
476 x 273 x 292 mm
Box weight
9.8 kg
Quantity in Box
792 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
OLGA-S
Lens
PMMA
clear
OLGA-HLD
Holder
PC
black
SPUTNIK-TAPE3
Tape
PU tape
black
Last update: 08/06/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA16127

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16127 LEDIL-CA16127 Datasheet
1Mb / 19P
OLGA Assembly
CA16127_OLGA-S LEDIL-CA16127_OLGA-S Datasheet
1Mb / 19P
OLGA Assembly
More results

Similar Description - CA16127

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
~14째 spot beam. Assembly with holder and installation tape.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
~20째 smooth spot beam. Assembly with holder and installation tape.
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
~6째 real spot beam. Assembly with holder and installation tape.
FA10336 LEDIL-FA10336 Datasheet
2Mb / 4P
~11째 spot beam optimized for Nichia NS6x83. Assembly with white holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
~13째 spot beam. Assembly with holder and installation tape.
FCA10303 LEDIL-FCA10303 Datasheet
964Kb / 4P
~11째 spot beam optimized for CREE XR-E. Assembly with grey holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
~30째 spot beam beam. Assembly with holder and installation tape.
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
~25째 spot beam with holder and installation tape
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
~9째 spot beam with holder and installation tape
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com