Electronic Components Datasheet Search
  English  ▼

X  

ISL26310 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL26310
Description  12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input Channels
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL26310 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL26310 Datasheet HTML 1Page - Renesas Technology Corp ISL26310 Datasheet HTML 2Page - Renesas Technology Corp ISL26310 Datasheet HTML 3Page - Renesas Technology Corp ISL26310 Datasheet HTML 4Page - Renesas Technology Corp ISL26310 Datasheet HTML 5Page - Renesas Technology Corp ISL26310 Datasheet HTML 6Page - Renesas Technology Corp ISL26310 Datasheet HTML 7Page - Renesas Technology Corp ISL26310 Datasheet HTML 8Page - Renesas Technology Corp ISL26310 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FN8273 Rev 1.00
Page 1 of 23
September 5, 2013
FN8273
Rev 1.00
September 5, 2013
ISL26320, ISL26321, ISL26322, ISL26323, ISL26324, ISL26325, ISL26329
12-Bit, 250kSPS Low-Power ADCs with Single-Ended and Differential Inputs and Multiple Input
Channels
DATASHEET
The ISL26320, ISL26321, ISL26322, ISL26323, ISL26324,
ISL26325 and ISL26329 family of sampling SAR-type ADCs
feature excellent linearity over supply and temperature
variations, and offer versions with 1-, 2-, 4- and 8-channel
single-ended inputs, and 1-, 2- and 4-channel differential
inputs. A proprietary input multiplexer and combination buffer
amplifier reduces the input drive requirements, resulting in
lower cost and reduced board space. Specified measurement
accuracy is maintained with input signals up to VDD.
Members of the The ISL26320, ISL26321, ISL26322,
ISL26323, ISL26324, ISL26325 and ISL26329 family of
Low-Power ADCs offer pinout intercompatibility, differing only
in the analog inputs, to support quick replication of proven
layouts across multiple design platforms.
The serial digital interface is SPI compatible and is easily
interfaced to popular FPGAs and microcontrollers. Power
consumption is limited to 15mW at a sampling rate of
250kSPS, and an operating current of just 8µA typical
between conversions, when configured for Auto Power-down
mode.
The ISL26320, ISL26321, ISL26322, ISL26323, ISL26324,
ISL26325 and ISL26329 feature up to 5kV Human Body
Model ESD survivability and are available in the popular SOIC
and TSSOP packages. Performance is specified for operation
over the full industrial temperature range (-40°C to +125°C).
Features
• Pin-compatible family allows easy design upgrades
• Excellent differential non-linearity (0.7LSB max)
• Low THD: -86dB (typ)
• Simple SPI-compatible serial digital interface
• Low 3mA operating current
• Power-down current between conversions 8µA (typ)
• +5.25V to +2.7V supply
• Excellent ESD survivability: 5kV HBM, 350V MM, 2kV CDM
Applications
• Industrial process control
•Energy measurement
• Multichannel data acquisition systems
• Pressure sensors
• Flow controllers
FIGURE 1. FUNCTIONAL BLOCK DIAGRAM
OSC
ADC
MUX
SPI
POR
ANALOG INPUTS
DIFFERENTIAL/
SINGLE-ENDED
VREF
VDD
CNV
SCLK
SDO
SDI
GND
BUFFER


Similar Part No. - ISL26310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Renesas Technology Corp
ISL26310 RENESAS-ISL26310 Datasheet
1Mb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Intersil Corporation
ISL26310FBZ INTERSIL-ISL26310FBZ Datasheet
818Kb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26310FBZ INTERSIL-ISL26310FBZ Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL26310FBZ RENESAS-ISL26310FBZ Datasheet
1Mb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
More results

Similar Description - ISL26310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
logo
Intersil Corporation
ISL26310 INTERSIL-ISL26310 Datasheet
818Kb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
ISL26320 INTERSIL-ISL26320 Datasheet
1Mb / 23P
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
June 8, 2012
logo
Maxim Integrated Produc...
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
logo
Linear Technology
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
logo
Intersil Corporation
ISL26320FBZ INTERSIL-ISL26320FBZ Datasheet
860Kb / 23P
12-bit, 250kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
September 5, 2013
logo
Renesas Technology Corp
ISL26310 RENESAS-ISL26310 Datasheet
1Mb / 23P
12-bit, 125kSPS Low-power ADCs with Single-ended and Differential Inputs and Multiple Input Channels
logo
Maxim Integrated Produc...
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com