Electronic Components Datasheet Search
  English  ▼

X  

310B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 310B
Description  SINGLE-CHANNEL AUDIO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

310B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  310B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AUDIO
PRODUCT SELECTION HINT
The 310B series transmits
standard (monaural) audio
signals. If high-performance
stereo audio should be
required, refer to the 312B
series, page 19, or the 1312B
series, page 26, for digitally
processed audio.
Systems in the 310B series provide reliable voice-grade transmission of audio signals in most applications.
Incorporating AGC circuitry, the system does not require field adjustment. A unique two-color LED at the
transmitter end indicates input audio level and clipping. The basic characteristics of fiber — no hum or
pick-up, no interference from electromagnetic fields or radio frequencies, and no possibility of ground
loop interference since fiber is not an electrical conductor — ensure that the quality requirements of
intercoms, paging, and public address systems are met.
• One-Way Audio Over a Single Fiber.
• Bandwidth 20 Hz to 18 kHz.
• THD < 3%.
• SNR 50 dB.
• Balanced or Unbalanced 600 Ohm Audio.
• For Multimode Fiber.
• Optical AGC Circuitry.
• Diagnostic Indicators: Level/Loss and
Audio Status LEDs.
• ST Optical Ports.
• Modular Units or Rack Cards.
SERIES 310B
SINGLE-CHANNEL AUDIO
Part
Product
Fiber
Attenuation
Wavelength
Number
Description
Code
Qty / Size
Max. (dB)
(in nm)
310B-T
Transmitter
1BXX
1 / 62.5 µ
13
850
310B-R
Receiver
MULTIMODE SYSTEMS
Other Specifications
Power Requirements : 12~16 VDC at 75 mA; 12~16 VAC at 5 W.
Options : AC Adapter, order 610P, one for each modular unit.
Dimensions : Modular Units: 2.8" W x 3.75" D x 1.1" H (7.14 cm x 9.52 cm x 2.8 cm)
Rack cards (all) occupy one rack slot. To specify, add -R to model number.
18
© 1996 Fiber Options Inc., Bohemia, New York 11716-2533 USA
310B


Similar Part No. - 310B

ManufacturerPart #DatasheetDescription
logo
France Joint
310B FRANCEJOINT-310B Datasheet
312Kb / 1P
ROD SEALS
logo
Winchester Electronics ...
310B205MV WINCHESTER-310B205MV Datasheet
454Kb / 11P
Specifications for BNC Connectors
310B205Q WINCHESTER-310B205Q Datasheet
454Kb / 11P
Specifications for BNC Connectors
310B205Q WINCHESTER-310B205Q Datasheet
401Kb / 7P
Serial Digital BNC Connectors
logo
Shenzhen Luguang Electr...
310BR LUGUANG-310BR Datasheet
1Mb / 2P
3.0 AMPS. Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - 310B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1702 AMSCO-AS1702 Datasheet
187Kb / 13P
1.6W Single-Channel Audio Power Amplifiers
logo
List of Unclassifed Man...
ATA-120 ETC-ATA-120 Datasheet
392Kb / 13P
20W Class D Single Channel Audio Amplifier
EMP202 ETC2-EMP202 Datasheet
236Kb / 28P
Single-Chip Dual-Channel AC??7 Audio Codec for PC Audio Systems
logo
ams AG
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
1.8W Single-Channel Audio Power Amplifiers
logo
Shenzhenshi YONGFUKANG ...
AX4853 YONGFUKANG-AX4853 Datasheet
820Kb / 14P
AX4853 Single Channel 1.5W/Stereo Headset 300mW Audio Amplifier
AX8302 YONGFUKANG-AX8302 Datasheet
531Kb / 9P
2.5W filterless single channel D-type audio frequency amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC8871 FUMAN-TC8871 Datasheet
198Kb / 6P
5W Single Channel Class F Audio Power Amplifier
logo
HALO Electronics, Inc.
TG10-DA1NSLF HALO-TG10-DA1NSLF Datasheet
525Kb / 2P
Single and Dual Channel Shielded Transformers for Digital Audio
logo
Shenzhen Huazhimei Semi...
HM8878 HMSEMI-HM8878 Datasheet
783Kb / 9P
7.5W single channel class F audio power amplifier
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
8W single channel class F wide voltage audio power amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com