Electronic Components Datasheet Search
  English  ▼

X  

LB11923V Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB11923V
Description  Three-Phase Brushless Motor Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11923V Datasheet(HTML) 2 Page - ON Semiconductor

  LB11923V Datasheet HTML 1Page - ON Semiconductor LB11923V Datasheet HTML 2Page - ON Semiconductor LB11923V Datasheet HTML 3Page - ON Semiconductor LB11923V Datasheet HTML 4Page - ON Semiconductor LB11923V Datasheet HTML 5Page - ON Semiconductor LB11923V Datasheet HTML 6Page - ON Semiconductor LB11923V Datasheet HTML 7Page - ON Semiconductor LB11923V Datasheet HTML 8Page - ON Semiconductor LB11923V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LB11923V
www.onsemi.com
2
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC max
Maximum Supply Voltage
8
V
IREG max
Maximum Input Current
VREG pin
2
mA
IO max
Output Current
UH, VH, WH, UL, VL, and WL outputs
30
mA
Pd max1
Allowable Power Dissipation 1
Independent IC
0.62
W
Pd max2
Allowable Power Dissipation 2
When mounted on the specified PCB
(Note 1)
1.79
W
Topr
Operating Temperature
−20 to +80
°C
Tstg
Storage Temperature
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Specified PCB: 114.3 × 76.1 × 1.6 mm glass epoxy PCB
ALLOWABLE OPERATING RANGES (TA = 25°C)
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply Voltage
4.4 to 7.0
V
IREG
Input Current Range
VREG pin (7 V)
0.2 to 1.5
mA
VFGS
FG Schmitt Output Applied Voltage
0 to 7
V
IFGS
FG Schmitt Output Current
0 to 5
mA
VLD
Lock Detection Applied Voltage
0 to 7
V
ILD
Lock Detection Output Current
0 to 20
mA
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA = 25°C, VCC = 6.3 V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC1
Supply Current
−
21
29.5
mA
ICC2
In stop mode
−
2.3
3.3
mA
ICC3
VCC = 5 V
−
20
28
mA
ICC4
VCC = 5 V, In stop mode
−
2.1
2.9
mA
VO sat1−1
Output Saturation Voltage 1−1
At low level: IO = 400 mA
−
0.1
0.3
V
VO sat1−2
Output Saturation Voltage 1−2
At low level: IO = 10 mA
−
0.8
1.2
V
VO sat2
Output Saturation Voltage 2
At high level: IO = –20 mA
VCC – 1.2 VCC – 0.9
−
V
[Hall Amplifier]
IHB(HA)
Input Bias Current
–2
–0.1
−
mA
VICM1
Common-mode Input Voltage Range 1
When Hall-effect sensors are
used
0.5
−
VCC – 2.0
V
VICM2
Common-mode Input Voltage Range 2
When one-side biased inputs
are used (Hall-effect IC
applications)
0
−
VCC
V
Hall Input Sensitivity
Sine wave
100
−
−
mVp−p
DVIN(HA)
Hysteresis
25
35
52
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com