Electronic Components Datasheet Search
  English  ▼

X  

TSL2540 Datasheet(PDF) 20 Page - ams AG

Part # TSL2540
Description  ALS, Light-to-Digital Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2540 Datasheet(HTML) 20 Page - ams AG

Back Button TSL2540 Datasheet HTML 16Page - ams AG TSL2540 Datasheet HTML 17Page - ams AG TSL2540 Datasheet HTML 18Page - ams AG TSL2540 Datasheet HTML 19Page - ams AG TSL2540 Datasheet HTML 20Page - ams AG TSL2540 Datasheet HTML 21Page - ams AG TSL2540 Datasheet HTML 22Page - ams AG TSL2540 Datasheet HTML 23Page - ams AG TSL2540 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-01] 2017-Oct-12
TSL2540 − Register Description
ID Register (Address 0x92)
Figure 25:
ID Register
Status Register (Address 0x93)
Figure 26:
Status Register
All flags in this register can be cleared by setting the bit high.
Alternatively, if the CFG3.int_read_clear bit is set, then simply
reading this register automatically clears all eight flags.
VISDATAL Register (Address 0x94)
Figure 27:
VISDATAL Register
Addr: 0x92
ID
Bit
Bit Name
Default
Access
Bit Description
7:2
ID
111001
RO
Device type identification.
1:0
Reserved
00
RO
Reserved.
Addr: 0x93
Status Register
Bit
Bit Name
Default
Access
Bit Description
7
ASAT
0
R, SC
The Analog Saturation flag signals that the ALS results
may be unreliable due to saturation of the AFE.
6:5
Reserved
00
R, SC
Reserved.
4AINT
0
R, SC
The ALS Interrupt flag indicates that ALS results (visible
channel) have exceeded thresholds and persistence
settings.
3CINT
0
R, SC
The Calibration Interrupt flag indicates that calibration
has completed.
2:0
Reserved
000
R, SC
Reserved.
Addr: 0x94
VISDATAL
Bit
Bit Name
Default
Access
Bit Description
7:0
VISDATAL
0x00
RO
This register contains the low byte of the 16-bit
visible channel data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com