Electronic Components Datasheet Search
  English  ▼

X  

82PF80 Datasheet(PDF) 3 Page - International Rectifier

Part # 82PF80
Description  STANDARD RECOVERY DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

82PF80 Datasheet(HTML) 3 Page - International Rectifier

  82PF80 Datasheet HTML 1Page - International Rectifier 82PF80 Datasheet HTML 2Page - International Rectifier 82PF80 Datasheet HTML 3Page - International Rectifier 82PF80 Datasheet HTML 4Page - International Rectifier 82PF80 Datasheet HTML 5Page - International Rectifier 82PF80 Datasheet HTML 6Page - International Rectifier 82PF80 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
80PF(R)...(W) Series
3
Bulletin I20207 rev. C 03/04
www.irf.com
Parameter
Units
Conditions
80PF (R)...(W)
40 to 120
TJ
Max. junction operating temperature range
-55 to 180
T
stg
Max. storage temperature range
-55 to 180
RthJC
Max. thermal resistance, junction to case
0.30
DC operation
R
thCS
Max. thermal resistance, case
Mounting surface, smooth, flat and
to heatsink
greased
T
Max. allowed mounting torque ±10%
2.3
÷ 3.4
Nm
Tighting on nut (1)
20
÷ 30
lbf
· in
3.2
÷ 4.3
Nm
Tighting on Hexagon (2)
28
÷ 38
lbf
· in
wt
Approximate weight
15.8 (0.56)
g (oz)
Case style
DO-203AB (DO5)
See Outline Table
°C
0.25
K/W
Thermal and Mechanical Specifications
180°
0.14
0.10
T
J = TJ max.
120°
0.16
0.17
90°
0.21
0.22
60°
0.30
0.31
30°
0.50
0.50
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
K/W
∆R
thJC Conduction
(The following table shows the increment of thermal resistence R
thJC when devices operate at different conduction angles than DC)
(1) As general recommendation we suggest to tight on Hexagon and not on nut
(2) Torque must be appliable only to Hexagon and not to plastic structure
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Average Forward Current (A)
Fig. 2 - Current Ratings Characteristics
110
120
130
140
150
160
170
180
0
1020304050 60708090
30˚
60˚
90˚
120˚
180˚
Conduction Angle
80PF(R) Serie
RthJC = 0.3 K/W
120
130
140
150
160
170
180
0
20
40
60
80
100 120 140
DC
30˚
60˚
90˚
120˚
180˚
Conduction Period
80PF(R) Series
RthJC (DC) = 0.3 K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com