Electronic Components Datasheet Search
  English  ▼

X  

NFM18P Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # NFM18P
Description  Ultra small size in 1.6x0.8mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NFM18P Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  NFM18P Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NFM18P Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NFM18P Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NFM18P Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
96
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NFM41P Series
The chip "EMIFIL" NFM41P series consists of 3-terminal
structure. These components are able to be applied to
large current DC power lines. NFM41P series are
suitable in noise suppression in DC lines where
relatively large currents operate.
s Features
1. Large rated current 6A (max.) is suitable for the
application in DC power lines.
2. High electrostatic capacitance and remarkable high
frequency performance are effective for
immunity against surge noise and pulse
noise.
s Applications
1. Personal computers, word processors and peripherals
2. Telephones, PPCs, communication equipments, etc.
3. Digital TVs, VCRs
4. Telecommunications equipment
1.5
±0.3
4.5
±0.3
0.7 min.
(1)
(3)
(2)
(2)
(in mm)
: Electroad
1.6
±0.3
0.4
±0.3
0.3
+0.3
-0.2
NFM41P
Part Number
Capacitance
(
µF)
Rated Voltage
(Vdc)
Rated Current
(A)
Insulation Resistance
(min.)
(M ohm)
Operating Temperature Range
(
°C)
NFM41PC204F1H3
0.2 +80%,-20%
50
2
1000
-55 to +85
NFM41PC155B1E3
1.5 +20%,-20%
25
6
300
-55 to +85
s Equivalent Circuit
Input
(1)
Output (3)
(2)
GND
* no polarity.
s Insertion Loss Characteristics
NFM41P
1
10
100
1000
0
20
40
60
80
100
Frequency (MHz)
(50
Ω - 50Ω)
NFM41PC155B1E3
NFM41PC204F1H3
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
!Note
C31E10.pdf 03.9.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com