Electronic Components Datasheet Search
  English  ▼

X  

AC238 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC238
Description  5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC238 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC238 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2003
DIMENSIONS ARE IN INCHES (MILLIMETERS)
PRELIMINARY
5 TO 200 MHz
TO-8 CASCADABLE AMPLIFIER
AC238
SPECIFICATIONS
Typical Values
AC238
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
32.0 dB
Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.6 dB
Medium Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+15.5 dBm
High Reverse Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . .
+38 dB
High Efficiency
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
32.0 dB
31.0 dB
30.0 dB
Gain Flatness (Max.)
±0.2 dB
±0.4 dB
±0.7 dB
Noise Figure (Max.)
2.6 dB
3.0 dB
3.5 dB
SWR (Max.)
Input/Output
1.1:1
1.3:1
1.4:1
Power Output (Min.)
@ 1dB comp.
+15.5 dBm
+14.5 dBm
+14.0 dBm
Reverse Isolation
38 dB
——
DC Current (Max.)
64 mA
67 mA
69 mA
Guaranteed*
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
5-300 MHz
5-200 MHz
5-200 MHz
Typical @ 25° C
AC238
Second Order Harmonic Intercept Point. . . . . . . . . . . . . .
+54.5 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . .
+48.5 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . .
+30.0 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+10 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . .
+10 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125°C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . .
—° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
—° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
* Measured in a 50-ohm system at +5 Vdc unless otherwise specified.
AC238
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AS238


Similar Part No. - AC238

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP148 ETC-AP148 Datasheet
117Kb / 2P
1 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
Teledyne Technologies I...
AC251 TELEDYNE-AC251 Datasheet
210Kb / 2P
10 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
AC688 TELEDYNE-AC688 Datasheet
109Kb / 1P
200 TO 600 MHz TO-8 CASCADABLE AMPLIFIER
AC751 TELEDYNE-AC751 Datasheet
174Kb / 2P
200 TO 700 MHz TO-8 CASCADABLE AMPLIFIER
AC2058 TELEDYNE-AC2058 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
AC2566 TELEDYNE-AC2566 Datasheet
179Kb / 2P
200 TO 2500 MHz TO-8 CASCADABLE AMPLIFIER
AP2048 TELEDYNE-AP2048 Datasheet
160Kb / 2P
200 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com