Electronic Components Datasheet Search
  English  ▼

X  

6058024 Datasheet(PDF) 4 Page - SICK AG

Part # 6058024
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058024 Datasheet(HTML) 4 Page - SICK AG

  6058024 Datasheet HTML 1Page - SICK AG 6058024 Datasheet HTML 2Page - SICK AG 6058024 Datasheet HTML 3Page - SICK AG 6058024 Datasheet HTML 4Page - SICK AG 6058024 Datasheet HTML 5Page - SICK AG 6058024 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IH03-01BNSVU2K | IMM
INDUCTIVE PROXIMITY SENSORS
ETIM 6.0
EC002714
UNSPSC 16.0901
39122230
Installation note
Quasi-flush installation
A
A
C
B
D
E
F
Connection diagram
cd-001
BN
BK
BU
+ (L+)
NO
- (M)
Temperature derating
-40
40
50
60
70
80
90
100
110
120
-20
0
20
40
60
80
Ambiant Temperature [°C]
4
PROXIMITY SENSORS | SICK
Online data sheet | 2018-06-11 10:11:13
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com