Electronic Components Datasheet Search
  English  ▼

X  

AC383 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AC383
Description  10 TO 250 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC383 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AC383 Datasheet HTML 1Page - List of Unclassifed Manufacturers AC383 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY - MHz
5
10
30
50
100
150
200
250
300
350
Gain vs Temperature Vcc= +5
37.0
36.0
35.0
34.0
33.0
2.5
2.0
1.5
1.0
Noise Figure
+8 V
+5 V
K EY: + 25
°C
+85
°C
- 55
°C
6.0
4.0
2.0
0.0
2.0
-
Power Output at 1 dB Compression
40
30
20
10
0
42
40
38
36
34
32
30
28
Intercept Point Vcc = +5
Gain vs. Voltage
40
30
20
10
0
+8 V
+5 V
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
Vcc - Volts
2nd HAR
150 MHz
IP 3
IP 2
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
5
10
30
50
100
150
200
250
300
350
0
2
4
6
8
10
12
14
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AC383
Model: AC383
Vcc=+5V
Icc=14.92
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.47
1.40
35.5
-47.2
10
1.22
1.28
35.3
-47.1
20
1.11
1.23
35.3
2.091
-46.5
50
1.27
1.22
35.3
1.509
-47.1
100
1.09
1.22
35.2
1.472
-47.0
150
1.13
1.24
35.6
1.320
-46.7
200
1.24
1.27
35.5
1.286
-46.7
250
1.18
1.31
34.2
1.266
-46.2
300
1.18
1.35
34.7
1.127
-47.1
LINEAR S-PARAMETERS
Model: AC383
Vcc=+5V
Icc=14.92
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.19
-61.9
59.55
20.1
0.004
24.0
0.17
-44.2
10
0.10
-50.4
58.24
7.2
0.004
11.0
0.12
-33.7
20
0.05
-29.9
58.40
-0.4
0.005
3.0
0.10
-25.1
50
0.12
5.3
58.38
-16.8
0.004
4.0
0.10
-26.3
100
0.04
15.1
57.75
-43.3
0.004
-3.0
0.10
-40.2
150
0.06
17.1
60.14
-66.8
0.005
-4.0
0.11
-56.2
200
0.11
19.0
59.77
-90.1
0.005
-1.0
0.12
-73.4
250
0.08
15.2
51.57
-112.9
0.005
-5.0
0.13
-90.1
300
0.08
-25.6
54.03
-133.2
0.004
0.0
0.15
-107.3
350
0.09
-62.1
50.73
-152.6
0.005
-9.0
0.17
-123.7
400
0.06
-11.4
47.94
-177.1
0.004
-5.0
0.20
-139.5
Model: AC383
Vcc=+8V
Icc=24.42
FREQ
SWR
SWR
GAIN
GROUP DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.50
1.38
38.5
-50.0
10
1.26
1.29
38.3
-50.0
20
1.17
1.26
38.3
2.211
-48.8
50
1.13
1.25
38.4
1.494
-49.5
100
1.25
1.26
38.4
1.466
-48.8
150
1.31
1.27
38.8
1.335
-48.5
200
1.44
1.30
39.0
1.314
-48.3
250
1.31
1.34
37.7
1.324
-48.3
300
1.38
1.38
38.0
1.196
-48.3
LINEAR S-PARAMETERS
Model: AC383
Vcc=+8V
Icc=24.42
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.20
-103.5
83.95
22.6
0.003
29.0
0.16
-38.2
10
0.12
-122.0
82.67
8.5
0.003
14.0
0.13
-28.5
20
0.08
-160.4
82.59
0.6
0.004
3.0
0.12
-23.5
50
0.06
174.4
83.56
-15.5
0.003
4.0
0.11
-30.2
100
0.11
144.3
82.79
-42.0
0.004
4.0
0.11
-50.0
150
0.13
124.8
87.08
-66.0
0.004
2.0
0.12
-70.1
200
0.18
88.1
89.11
-89.8
0.004
3.0
0.13
-90.5
250
0.14
82.7
76.55
-113.6
0.004
2.0
0.14
-109.1
300
0.16
58.6
79.18
-135.2
0.004
6.0
0.16
-127.2
350
0.14
61.5
74.36
-155.6
0.004
-7.0
0.18
-142.5
400
0.14
59.3
68.51
179.0
0.004
9.0
0.19
-157.4
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
93



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com