Electronic Components Datasheet Search
  English  ▼

X  

AC508 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AC508
Description  5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AC508 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AC508 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006
PRELIMINARY
DIMENSIONS ARE IN INCHES (MILLIMETERS)
5 TO 500 MHz
TO-8 CASCADABLE AMPLIFIER
AC508
SPECIFICATIONS*
Typical Values
AC508
Medium Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19.0 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+31 dBm
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
13.5 dB
13.0 dB
12.5 dB
Gain Flatness (Max.)
±0.4 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
<4.5 dB
5.0 dB
5.5 dB
SWR (Max.)
Input/Output
1.5:1
1.7:1
1.9:1
Power Output (Min.)
@ 1dB comp.
+19.5 dBm
+18.0 dBm
+17.5 dBm
DC Current (Max.)
65 mA
69 mA
71 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
5-600 MHz
5-500 MHz
5-500 MHz
Typical @ 25° C; 100 MHz
AC508
Second Order Harmonic Intercept Point . . . . . . . . . . . . . .
+52 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+46 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+33 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+19 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105°C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+28° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+31.7° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
AC508
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AS508


Similar Part No. - AC508

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC508 TELEDYNE-AC508 Datasheet
186Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC508

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC513 ETC-AC513 Datasheet
116Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC509 ETC1-AC509 Datasheet
107Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC548 ETC1-AC548 Datasheet
104Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
SMA5-5 MA-COM-SMA5-5 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A54 MA-COM-A54 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 500 MHz
logo
Teledyne Technologies I...
AC573 TELEDYNE-AC573 Datasheet
174Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC577 TELEDYNE-AC577 Datasheet
174Kb / 2P
5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com